Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 113 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 109Page - Texas Instruments TMS320VC5504 Datasheet HTML 110Page - Texas Instruments TMS320VC5504 Datasheet HTML 111Page - Texas Instruments TMS320VC5504 Datasheet HTML 112Page - Texas Instruments TMS320VC5504 Datasheet HTML 113Page - Texas Instruments TMS320VC5504 Datasheet HTML 114Page - Texas Instruments TMS320VC5504 Datasheet HTML 115Page - Texas Instruments TMS320VC5504 Datasheet HTML 116Page - Texas Instruments TMS320VC5504 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 6-37. Universal Serial Bus (USB) Registers (continued)
CPU WORD
ACRONYM
REGISTER DESCRIPTION
ADDRESS
8535h
PERI_RXCSR
Control Status Register for Peripheral Receive Endpoint (peripheral mode)
8538h
RXCOUNT
Number of Bytes in Host Receive endpoint FIFO
8539h
-
Reserved
853Ch
-
Reserved
853Dh
-
Reserved
Control and Status Register for Endpoint 4
8540h
TXMAXP
Maximum Packet Size for Peripheral/Host Transmit Endpoint
8541h
PERI_TXCSR
Control Status Register for Peripheral Transmit Endpoint (peripheral mode)
8544h
RXMAXP
Maximum Packet Size for Peripheral/Host Receive Endpoint
8545h
PERI_RXCSR
Control Status Register for Peripheral Receive Endpoint (peripheral mode)
8548h
RXCOUNT
Number of Bytes in Host Receive endpoint FIFO
8549h
-
Reserved
854Ch
-
Reserved
854Dh
-
Reserved
CPPI DMA (CMDA) Registers
9000h
-
Reserved
9001h
-
Reserved
9004h
TDFDQ
CDMA Teardown Free Descriptor Queue Control Register
9008h
DMAEMU
CDMA Emulation Control Register
9800h
TXGCR1[0]
Transmit Channel 0 Global Configuration Register 1
9801h
TXGCR2[0]
Transmit Channel 0 Global Configuration Register 2
9808h
RXGCR1[0]
Receive Channel 0 Global Configuration Register 1
9809h
RXGCR2[0]
Receive Channel 0 Global Configuration Register 2
980Ch
RXHPCR1A[0]
Receive Channel 0 Host Packet Configuration Register 1 A
980Dh
RXHPCR2A[0]
Receive Channel 0 Host Packet Configuration Register 2 A
9810h
RXHPCR1B[0]
Receive Channel 0 Host Packet Configuration Register 1 B
9811h
RXHPCR2B[0]
Receive Channel 0 Host Packet Configuration Register 2 B
9820h
TXGCR1[1]
Transmit Channel 1 Global Configuration Register 1
9821h
TXGCR2[1]
Transmit Channel 1 Global Configuration Register 2
9828h
RXGCR1[1]
Receive Channel 1 Global Configuration Register 1
9829h
RXGCR2[1]
Receive Channel 1 Global Configuration Register 2
982Ch
RXHPCR1A[1]
Receive Channel 1 Host Packet Configuration Register 1 A
982Dh
RXHPCR2A[1]
Receive Channel 1 Host Packet Configuration Register 2 A
9830h
RXHPCR1B[1]
Receive Channel 1 Host Packet Configuration Register 1 B
9831h
RXHPCR2B[1]
Receive Channel 1 Host Packet Configuration Register 2 B
9840h
TXGCR1[2]
Transmit Channel 2 Global Configuration Register 1
9841h
TXGCR2[2]
Transmit Channel 2 Global Configuration Register 2
9848h
RXGCR1[2]
Receive Channel 2 Global Configuration Register 1
9849h
RXGCR2[2]
Receive Channel 2 Global Configuration Register 2
984Ch
RXHPCR1A[2]
Receive Channel 2 Host Packet Configuration Register 1 A
984Dh
RXHPCR2A[2]
Receive Channel 2 Host Packet Configuration Register 2 A
9850h
RXHPCR1B[2]
Receive Channel 2 Host Packet Configuration Register 1 B
9851h
RXHPCR2B[2]
Receive Channel 2 Host Packet Configuration Register 2 B
9860h
TXGCR1[3]
Transmit Channel 3 Global Configuration Register 1
9861h
TXGCR2[3]
Transmit Channel 3 Global Configuration Register 2
9868h
RXGCR1[3]
Receive Channel 3 Global Configuration Register 1
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com