Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 115 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 115 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 111Page - Texas Instruments TMS320VC5504 Datasheet HTML 112Page - Texas Instruments TMS320VC5504 Datasheet HTML 113Page - Texas Instruments TMS320VC5504 Datasheet HTML 114Page - Texas Instruments TMS320VC5504 Datasheet HTML 115Page - Texas Instruments TMS320VC5504 Datasheet HTML 116Page - Texas Instruments TMS320VC5504 Datasheet HTML 117Page - Texas Instruments TMS320VC5504 Datasheet HTML 118Page - Texas Instruments TMS320VC5504 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 6-37. Universal Serial Bus (USB) Registers (continued)
CPU WORD
ACRONYM
REGISTER DESCRIPTION
ADDRESS
E800h + 16
× N
QSTAT1A
Queue Manager Queue N Status Register 1A (N = 0 to 63)
E801h + 16
× N
QSTAT2A
Queue Manager Queue N Status Register 2A (N = 0 to 63)
E804h + 16
× N
QSTAT1B
Queue Manager Queue N Status Register 1B (N = 0 to 63)
E805h + 16
× N
QSTAT2B
Queue Manager Queue N Status Register 2B (N = 0 to 63)
E808h + 16
× N
QSTAT1C
Queue Manager Queue N Status Register 1C (N = 0 to 63)
E809h + 16
× N
QSTAT1C
Queue Manager Queue N Status Register 2C (N = 0 to 63)
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com