Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 117 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 117 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 113Page - Texas Instruments TMS320VC5504 Datasheet HTML 114Page - Texas Instruments TMS320VC5504 Datasheet HTML 115Page - Texas Instruments TMS320VC5504 Datasheet HTML 116Page - Texas Instruments TMS320VC5504 Datasheet HTML 117Page - Texas Instruments TMS320VC5504 Datasheet HTML 118Page - Texas Instruments TMS320VC5504 Datasheet HTML 119Page - Texas Instruments TMS320VC5504 Datasheet HTML 120Page - Texas Instruments TMS320VC5504 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 128 page
background image
6.17 General-Purpose Timers
6.17.1 Timers Peripheral Register Description(s)
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
The VC5504 has three 32-bit software programmable Timers. Each timer can be used as a
general- purpose (GP) timer. Timer2 can be configured as either a GP or a Watchdog (WD) or both.
General-purpose timers are typically used to provide interrupts to the CPU to schedule periodic tasks or a
delayed task. A watchdog timer is used to reset the CPU in case it gets into an infinite loop. The GP
timers are 32-bit timers with a 13-bit prescaler that can divide the CPU clock and uses this scaled value as
a reference clock. These timers can be used to generate periodic interrupts. The Watchdog Timer is a
16-bit counter with a 16-bit prescaler used to provide a recovery mechanism for the device in the event of
a fault condition, such as a non-exiting code loop.
The VC5504 Timers support the following:
• 32-bit Programmable Countdown Timer
• 13-bit Prescaler Divider
• Timer Modes:
–
32-bit General-Purpose Timer
–
32-bit Watchdog Timer (Timer2 only)
• Auto Reload Option
• Generates Single Interrupt to CPU (The interrupt is individually latched to determine which timer
triggered the interrupt.)
• Generates Active Low Pulse to the Hardware Reset (Watchdog only)
• Interrupt can be Used for DMA Event
Table 6-39 through Table 6-42 show the Timer and Watchdog registers.
For more detailed information on the 32-bit General-Purpose Timers, the Watchdog Timer, and their
corresponding registers, see the TMS320VC5505 32-Bit Timer/Watchdog Timer User's Guide (literature
number SPRUFO2).
Table 6-39. Watchdog Timer Registers (Timer2 only)
CPU WORD
ACRONYM
REGISTER DESCRIPTION
ADDRESS
1880h
WDKCKLK
Watchdog Kick Lock Register
1882h
WDKICK
Watchdog Kick Register
1884h
WDSVLR
Watchdog Start Value Lock Register
1886h
WDSVR
Watchdog Start Value Register
1888h
WDENLOK
Watchdog Enable Lock Register
188Ah
WDEN
Watchdog Enable Register
188Ch
WDPSLR
Watchdog Prescale Lock Register
188Eh
WDPS
Watchdog Prescale Register
Table 6-40. General-Purpose Timer 0 Registers
CPU WORD
ACRONYM
REGISTER DESCRIPTION
ADDRESS
1810h
TCR
Timer 0 Control Register
1812h
TIMPRD1
Timer 0 Period Register 1
1813h
TIMPRD2
Timer 0 Period Register 2
1814h
TIMCNT1
Timer 0 Counter Register 1
1815h
TIMCNT2
Timer 0 Counter Register 2
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com