Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 121 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 117Page - Texas Instruments TMS320VC5504 Datasheet HTML 118Page - Texas Instruments TMS320VC5504 Datasheet HTML 119Page - Texas Instruments TMS320VC5504 Datasheet HTML 120Page - Texas Instruments TMS320VC5504 Datasheet HTML 121Page - Texas Instruments TMS320VC5504 Datasheet HTML 122Page - Texas Instruments TMS320VC5504 Datasheet HTML 123Page - Texas Instruments TMS320VC5504 Datasheet HTML 124Page - Texas Instruments TMS320VC5504 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 128 page
background image
6.18.2
GPIO Peripheral Input/Output Electrical Data/Timing
GP[x] Input
(With IOINTEDGy = 0)
4
3
2
1
GP[x] Output
GP[x] Input
(With IOINTEDGy = 1)
2
1
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 6-44. Timing Requirements for GPIO Inputs(1) (see Figure 6-31)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
UNIT
MIN
MAX
1
tw(ACTIVE)
Pulse duration, GPIO input/external interrupt pulse active
2C(1)(2)
ns
2
tw(INACTIVE)
Pulse duration, GPIO input/external interrupt pulse inactive
C (1)(2)
ns
(1)
The pulse width given is sufficient to get latched into the GPIO_IFR register and to generate an interrupt. However, if a user wants to
have the device recognize the GPIO changes through software polling of the GPIO Data In (GPIO_DIN) register, the GPIO duration
must be extended to allow the device enough time to access the GPIO register through the internal bus.
(2)
C = SYSCLK period in ns. For example, when running parts at 100 MHz, use C = 10 ns.
Table 6-45. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs
(see Figure 6-31)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
PARAMETER
UNIT
MIN
MAX
3
tw(GPOH)
Pulse duration, GP[x] output high
3C(1)(2)
ns
4
tw(GPOL)
Pulse duration, GP[x] output low
3C(1)(2)
ns
(1)
This parameter value should not be used as a maximum performance specification. Actual performance of back-to-back accesses of the
GPIO is dependent upon internal bus activity.
(2)
C = SYSCLK period in ns. For example, when running parts at 100 MHz, use C = 10 ns.
Figure 6-31. GPIO Port Timing
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com