Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 111 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 107Page - Texas Instruments TMS320VC5504 Datasheet HTML 108Page - Texas Instruments TMS320VC5504 Datasheet HTML 109Page - Texas Instruments TMS320VC5504 Datasheet HTML 110Page - Texas Instruments TMS320VC5504 Datasheet HTML 111Page - Texas Instruments TMS320VC5504 Datasheet HTML 112Page - Texas Instruments TMS320VC5504 Datasheet HTML 113Page - Texas Instruments TMS320VC5504 Datasheet HTML 114Page - Texas Instruments TMS320VC5504 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 6-37. Universal Serial Bus (USB) Registers (continued)
CPU WORD
ACRONYM
REGISTER DESCRIPTION
ADDRESS
8030h
INTMSKSETR1
USB Interrupt Mask Set Register 1
8031h
INTMSKSETR2
USB Interrupt Mask Set Register 2
8034h
INTMSKCLRR1
USB Interrupt Mask Clear Register 1
8035h
INTMSKCLRR2
USB Interrupt Mask Clear Register 2
8038h
INTMASKEDR1
USB Interrupt Source Masked Register 1
8039h
INTMASKEDR2
USB Interrupt Source Masked Register 2
803Ch
EOIR
USB End of Interrupt Register
8040h
INTVECTR1
USB Interrupt Vector Register 1
8041h
INTVECTR2
USB Interrupt Vector Register 2
8050h
GREP1SZR1
Generic RNDIS EP1Size Register 1
8051h
GREP1SZR2
Generic RNDIS EP1Size Register 2
8054h
GREP2SZR1
Generic RNDIS EP2 Size Register 1
8055h
GREP2SZR2
Generic RNDIS EP2 Size Register 2
8058h
GREP3SZR1
Generic RNDIS EP3 Size Register 1
8059h
GREP3SZR2
Generic RNDIS EP3 Size Register 2
805Ch
GREP4SZR1
Generic RNDIS EP4 Size Register 1
805Dh
GREP4SZR2
Generic RNDIS EP4 Size Register 2
Common USB Registers
8400h
FADDR_POWER
Function Address Register, Power Management Register
8401h
INTRTX
Interrupt Register for Endpoint 0 plus Transmit Endpoints 1 to 4
8404h
INTRRX
Interrupt Register for Receive Endpoints 1 to 4
8405h
INTRTXE
Interrupt enable register for INTRTX
8408h
INTRRXE
Interrupt Enable Register for INTRRX
8409h
INTRUSB_INTRUSBE
Interrupt Register for Common USB Interrupts, Interrupt Enable Register
840Ch
FRAME
Frame Number Register
840Dh
Index Register for Selecting the Endpoint Status and Control Registers, Register to
INDEX_TESTMODE
Enable the USB 2.0 Test Modes
USB Indexed Registers
8410h
Maximum Packet Size for Peripheral/Host Transmit Endpoint. (Index register set to
TXMAXP_INDX
select Endpoints 1-4)
8411h
Control Status Register for Endpoint 0 in Peripheral Mode. (Index register set to
PERI_CSR0_INDX
select Endpoint 0)
Control Status Register for Peripheral Transmit Endpoint. (Index register set to select
PERI_TXCSR_INDX
Endpoints 1-4)
8414h
Maximum Packet Size for Peripheral/Host Receive Endpoint. (Index register set to
RXMAXP_INDX
select Endpoints 1-4)
8415h
Control Status Register for Peripheral Receive Endpoint. (Index register set to select
PERI_RXCSR_INDX
Endpoints 1-4)
8418h
Number of Received Bytes in Endpoint 0 FIFO. (Index register set to select Endpoint
COUNT0_INDX
0)
Number of Bytes in Host Receive Endpoint FIFO. (Index register set to select
RXCOUNT_INDX
Endpoints 1- 4)
8419h
-
Reserved
841Ch
-
Reserved
841Dh
CONFIGDATA_INDC
Returns details of core configuration. (index register set to select Endpoint 0)
(Upper byte of 841Dh)
USB FIFO Registers
8420h
FIFO0R1
Transmit and Receive FIFO Register 1 for Endpoint 0
8421h
FIFO0R2
Transmit and Receive FIFO Register 2 for Endpoint 0
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com