Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 110 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 110 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 106Page - Texas Instruments TMS320VC5504 Datasheet HTML 107Page - Texas Instruments TMS320VC5504 Datasheet HTML 108Page - Texas Instruments TMS320VC5504 Datasheet HTML 109Page - Texas Instruments TMS320VC5504 Datasheet HTML 110Page - Texas Instruments TMS320VC5504 Datasheet HTML 111Page - Texas Instruments TMS320VC5504 Datasheet HTML 112Page - Texas Instruments TMS320VC5504 Datasheet HTML 113Page - Texas Instruments TMS320VC5504 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 128 page
background image
6.16 Universal Serial Bus (USB) 2.0 Controller
6.16.1 USB2.0 Peripheral Register Description(s)
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
The VC5504 USB2.0 peripheral supports the following features:
• USB 2.0 peripheral at speeds high-speed (480 Mb/s) and full-speed (12 Mb/s)
• All transfer modes (control, bulk, interrupt, and isochronous asynchronous mode)
• 4 Transmit (TX) and 4 Receive (RX) Endpoints in addition to Control Endpoint 0
• FIFO RAM
–
4K endpoint
–
Programmable size
• Integrated USB 2.0 High Speed PHY
• RNDIS mode for accelerating RNDIS type protocols using short packet termination over USB
The USB2.0 peripheral on this device, does not support:
• Host Mode (Peripheral/Device Modes supported only)
• On-Chip Charge Pump
• On-the-Go (OTG) Mode
For more detailed information on the USB peripheral, see the TMS320VC5505 DSP Universal Serial Bus
2.0 (USB) User's Guide (literature number SPRUFO0).
Table 6-37 lists of the USB2.0 peripheral registers.
For more detailed information on USB and its registers, see the TMS320VC5505Universal Serial Bus
(USB) User's Guide (literature number SPRUFO0).
Table 6-37. Universal Serial Bus (USB) Registers(1)
CPU WORD
ACRONYM
REGISTER DESCRIPTION
ADDRESS
8000h
REVID1
Revision Identification Register 1
8001h
REVID2
Revision Identification Register 2
8004h
CTRLR
Control Register
8008h
STATR
Status Register
800Ch
EMUR
Emulation Register
8010h
MODER1
Mode Register 1
8011h
MODER2
Mode Register 2
8014h
AUTOREQ
Auto Request Register
8018h
SRPFIXTIME1
SRP Fix Time Register 1
8019h
SRPFIXTIME2
SRP Fix Time Register 2
801Ch
TEARDOWN1
Teardown Register 1
801Dh
TEARDOWN2
Teardown Register 2
8020h
INTSRCR1
USB Interrupt Source Register 1
8021h
INTSRCR2
USB Interrupt Source Register 2
8024h
INTSETR1
USB Interrupt Source Set Register 1
8025h
INTSETR2
USB Interrupt Source Set Register 2
8028h
INTCLRR1
USB Interrupt Source Clear Register 1
8029h
INTCLRR2
USB Interrupt Source Clear Register 2
802Ch
INTMSKR1
USB Interrupt Mask Register 1
802Dh
INTMSKR2
USB Interrupt Mask Register 2
(1)
Before reading or writing to the USB registers, be sure to set the BYTEMODE bits to "00b" in the USB system control register to enable
word accesses to the USB registers [see USB System Control Register (USBSCR) [1C32h] section of the TMS320VC5505 DSP System
User's Guide (lilterature number SPRUFP0)] .
Peripheral Information and Electrical Specifications
110
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com