Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 10 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 6Page - SMSC Corporation LAN8710 Datasheet HTML 7Page - SMSC Corporation LAN8710 Datasheet HTML 8Page - SMSC Corporation LAN8710 Datasheet HTML 9Page - SMSC Corporation LAN8710 Datasheet HTML 10Page - SMSC Corporation LAN8710 Datasheet HTML 11Page - SMSC Corporation LAN8710 Datasheet HTML 12Page - SMSC Corporation LAN8710 Datasheet HTML 13Page - SMSC Corporation LAN8710 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
10
SMSC LAN8710/LAN8710i
DATASHEET
1.3
Architectural Overview
The LAN8710/LAN8710i is compliant with IEEE 802.3-2005 standards (MII Pins tolerant to 3.6V) and
supports both IEEE 802.3-2005 compliant and vendor-specific register functions. It contains a full-
duplex 10-BASE-T/100BASE-TX transceiver and supports 10-Mbps (10BASE-T) operation, and 100-
Mbps (100BASE-TX) operation. The LAN8710/LAN8710i can be configured to operate on a single 3.3V
supply utilizing an integrated 3.3V to 1.2V linear regulator. An option is available to disable the linear
regulator to optimize system designs that have a 1.2V power supply available. This allows for the use
of a high efficiency external regulator for lower system power dissipation.
1.3.1
Configuration
The LAN8710 will begin normal operation following reset, and no register access is required. The initial
configuration may be selected with configuration pins as described in Section 5.3.9. In addition,
register-selectable configuration options may be used to further define the functionality of the
transceiver. For example, the device can be set to 10BASE-T only. The LAN8710 supports both IEEE
802.3-2005 compliant and vendor-specific register functions.
Figure 1.1 LAN8710/LAN8710i System Block Diagram
LAN8710
Ethernet
Transceiver
MODE
MII or
RMII
LED Status
10/100
Ethernet
MAC
Crystal or
Clock Osc
MDI
Transformer
RJ45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com