Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 63 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 59Page - SMSC Corporation LAN8710 Datasheet HTML 60Page - SMSC Corporation LAN8710 Datasheet HTML 61Page - SMSC Corporation LAN8710 Datasheet HTML 62Page - SMSC Corporation LAN8710 Datasheet HTML 63Page - SMSC Corporation LAN8710 Datasheet HTML 64Page - SMSC Corporation LAN8710 Datasheet HTML 65Page - SMSC Corporation LAN8710 Datasheet HTML 66Page - SMSC Corporation LAN8710 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
63
Revision 1.0 (04-15-09)
DATASHEET
6.3.2.2
10M RMII Transmit Timing (50MHz REF_CLK IN)
Figure 6.9 10M RMII Transmit Timing Diagram (50MHz REF_CLK IN)
Table 6.9 10M RMII Transmit Timing Values (50MHz REF_CLK IN)
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
NOTES
T10.1
Transmit signals required setup to
rising edge of CLKIN
4ns
T10.2
Transmit signals required hold
after rising edge of CLKIN
2ns
CLKIN frequency
50
MHz
Clock In -
CLKIN
Data In -
TXD[1:0]
T10.1
TX_EN
T10.2
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com