Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 53 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 53 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 49Page - SMSC Corporation LAN8710 Datasheet HTML 50Page - SMSC Corporation LAN8710 Datasheet HTML 51Page - SMSC Corporation LAN8710 Datasheet HTML 52Page - SMSC Corporation LAN8710 Datasheet HTML 53Page - SMSC Corporation LAN8710 Datasheet HTML 54Page - SMSC Corporation LAN8710 Datasheet HTML 55Page - SMSC Corporation LAN8710 Datasheet HTML 56Page - SMSC Corporation LAN8710 Datasheet HTML 57Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
53
Revision 1.0 (04-15-09)
DATASHEET
5.3.9.2
Mode Bus – MODE[2:0]
The MODE[2:0] bus controls the configuration of the 10/100 digital block. When the nRST pin is
deasserted, the register bit values are loaded according to the MODE[2:0] pins. The 10/100 digital
block is then configured by the register bit values. When a soft reset occurs (bit 0.15) as described in
Table 5.21, the configuration of the 10/100 digital block is controlled by the register bit values, and the
MODE[2:0] pins have no affect.
The LAN8710 mode may be configured using hardware configuration as summarized in Table 5.40.
The user may configure the transceiver mode by writing the SMI registers.
The MODE[2:0] hardware configuration pins are multiplexed with other signals as shown in Table 5.41.
5.3.9.3
MII/RMII Mode Selection
MII or RMII mode selection is latched on the rising edge of the internal reset (nRESET) based on the
strapping of the RXD2/RMIISEL pin. The default mode is MII with the internal pull-down resistor. To
select RMII mode, pull the RXD2/RMIISEL pin high with an external resistor to VDDIO.
Table 5.40 MODE[2:0] Bus
MODE[2:0]
MODE DEFINITIONS
DEFAULT REGISTER BIT VALUES
REGISTER 0
REGISTER 4
[13,12,10,8]
[8,7,6,5]
000
10Base-T Half Duplex. Auto-negotiation disabled.
0000
N/A
001
10Base-T Full Duplex. Auto-negotiation disabled.
0001
N/A
010
100Base-TX Half Duplex. Auto-negotiation
disabled.
CRS is active during Transmit & Receive.
1000
N/A
011
100Base-TX Full Duplex. Auto-negotiation disabled.
CRS is active during Receive.
1001
N/A
100
100Base-TX Half Duplex is advertised. Auto-
negotiation enabled.
CRS is active during Transmit & Receive.
1100
0100
101
Repeater mode. Auto-negotiation enabled.
100Base-TX Half Duplex is advertised.
CRS is active during Receive.
1100
0100
110
Power Down mode. In this mode the transceiver will
wake-up in Power-Down mode. The transceiver
cannot be used when the MODE[2:0] bits are set to
this mode. To exit this mode, the MODE bits in
Register 18.7:5(see Table 5.30) must be configured
to some other value and a soft reset must be
issued.
N/A
N/A
111
All capable. Auto-negotiation enabled.
X10X
1111
Table 5.41 Pin Names for Mode Bits
MODE BIT
PIN NAME
MODE[0]
RXD0/MODE0
MODE[1]
RXD1/MODE1
MODE[2]
COL/CRS_DV/MODE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com