Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 19 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 15Page - SMSC Corporation LAN8710 Datasheet HTML 16Page - SMSC Corporation LAN8710 Datasheet HTML 17Page - SMSC Corporation LAN8710 Datasheet HTML 18Page - SMSC Corporation LAN8710 Datasheet HTML 19Page - SMSC Corporation LAN8710 Datasheet HTML 20Page - SMSC Corporation LAN8710 Datasheet HTML 21Page - SMSC Corporation LAN8710 Datasheet HTML 22Page - SMSC Corporation LAN8710 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
19
Revision 1.0 (04-15-09)
DATASHEET
Chapter 4 Architecture Details
4.1
Top Level Functional Architecture
Functionally, the transceiver can be divided into the following sections:
100Base-TX transmit and receive
10Base-T transmit and receive
MII or RMII interface to the controller
Auto-negotiation to automatically determine the best speed and duplex possible
Management Control to read status registers and write control registers
4.2
100Base-TX Transmit
The data path of the 100Base-TX is shown in Figure 4.1. Each major block is explained below.
4.2.1
100M Transmit Data Across the MII/RMII Interface
For MII, the MAC controller drives the transmit data onto the TXD bus and asserts TXEN to indicate
valid data. The data is latched by the transceiver’s MII block on the rising edge of TXCLK. The data
is in the form of 4-bit wide 25MHz data.
For RMII, the MAC controller drives the transmit data onto the TXD bus and asserts TXEN to indicate
valid data. The data is latched by the transceiver’s RMII block on the rising edge of REF_CLK. The
data is in the form of 2-bit wide 50MHz data.
Figure 4.1 100Base-TX Data Path
MA C
Tx
Driver
MLT -3
Converter
NR Z I
C onverter
4B /5B
E ncoder
CA T-5
RJ45
25M H z by
5 bits
NRZ I
MLT-3
MLT -3
MLT -3
Scram bler
and PISO
M II/R M II
25M H z
by 4 bits
E xt R ef_C LK (for R M II only)
PLL
M II 25 M hz by 4 bits
or
R M II 50 M hz by 2 bits
MLT -3
M agnetics
125 M bps S erial
T X _C LK
(for M II only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com