Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 41 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 37Page - SMSC Corporation LAN8710 Datasheet HTML 38Page - SMSC Corporation LAN8710 Datasheet HTML 39Page - SMSC Corporation LAN8710 Datasheet HTML 40Page - SMSC Corporation LAN8710 Datasheet HTML 41Page - SMSC Corporation LAN8710 Datasheet HTML 42Page - SMSC Corporation LAN8710 Datasheet HTML 43Page - SMSC Corporation LAN8710 Datasheet HTML 44Page - SMSC Corporation LAN8710 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
41
Revision 1.0 (04-15-09)
DATASHEET
1.4
Remote Fault
1 = remote fault condition detected
0 = no remote fault
RO/
LH
0
1.3
Auto-Negotiate
Ability
1 = able to perform auto-negotiation function
0 = unable to perform auto-negotiation function
RO
1
1.2
Link Status
1 = link is up,
0 = link is down
RO/
LL
X
1.1
Jabber Detect
1 = jabber condition detected
0 = no jabber condition detected
RO/
LH
X
1.0
Extended
Capabilities
1 = supports extended capabilities registers
0 = does not support extended capabilities registers
RO
1
Table 5.23 Register 2 - PHY Identifier 1
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
2.15:0
PHY ID Number
Assigned to the 3rd through 18th bits of the
Organizationally Unique Identifier (OUI), respectively.
OUI=00800Fh
RW
0007h
Table 5.24 Register 3 - PHY Identifier 2
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
3.15:10
PHY ID Number
Assigned to the 19th through 24th bits of the OUI.
RW
30h
3.9:4
Model Number
Six-bit manufacturer’s model number.
RW
0Fh
3.3:0
Revision Number
Four-bit manufacturer’s revision number.
RW
DEVICE
REV
Table 5.25 Register 4 - Auto Negotiation Advertisement
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
4.15
Next Page
1 = next page capable,
0 = no next page ability
This Phy does not support next page ability.
RO
0
4.14
Reserved
RO
0
4.13
Remote Fault
1 = remote fault detected,
0 = no remote fault
RW
0
4.12
Reserved
4.11:10
Pause Operation
00 = No PAUSE
01= Symmetric PAUSE
10= Asymmetric PAUSE toward link partner
11 = Both Symmetric PAUSE and Asymmetric
PAUSE toward local device
R/W
00
Table 5.22 Register 1 - Basic Status (continued)
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com