Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 46 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 42Page - SMSC Corporation LAN8710 Datasheet HTML 43Page - SMSC Corporation LAN8710 Datasheet HTML 44Page - SMSC Corporation LAN8710 Datasheet HTML 45Page - SMSC Corporation LAN8710 Datasheet HTML 46Page - SMSC Corporation LAN8710 Datasheet HTML 47Page - SMSC Corporation LAN8710 Datasheet HTML 48Page - SMSC Corporation LAN8710 Datasheet HTML 49Page - SMSC Corporation LAN8710 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
46
SMSC LAN8710/LAN8710i
DATASHEET
29.1
INT1
1 = Auto-Negotiation Page Received
0 = not source of interrupt
RO/
LH
X
29.0
Reserved
Ignore on read.
RO/
LH
0
Table 5.35 Register 30 - Interrupt Mask
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
30.15:8
Reserved
Write as 0; ignore on read.
RO
0
30.7:1
Mask Bits
1 = interrupt source is enabled
0 = interrupt source is masked
RW
0
30.0
Reserved
Write as 0; ignore on read
RO
0
Table 5.36 Register 31 - PHY Special Control/Status
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
31.15:13
Reserved
Write as 0, ignore on read.
RW
0
31.12
Autodone
Auto-negotiation done indication:
0 = Auto-negotiation is not done or disabled (or not
active)
1 = Auto-negotiation is done
Note:
This is a duplicate of register 1.5, however
reads to register 31 do not clear status bits.
RO
0
31.11:10
Reserved
Write as 0, ignore on Read.
RW
XX
31.9:7
GPO[2:0]
General Purpose Output connected to signals
GPO[2:0]
RW
0
31.6
Enable 4B5B
0 = Bypass encoder/decoder.
1 = enable 4B5B encoding/decoding.
MAC Interface must be configured in MII mode.
RW
1
31.5
Reserved
Write as 0, ignore on Read.
RW
0
31.4:2
Speed Indication
HCDSPEED value:
[001]=10Mbps Half-duplex
[101]=10Mbps Full-duplex
[010]=100Base-TX Half-duplex
[110]=100Base-TX Full-duplex
RO
XXX
31.1
Reserved
Write as 0; ignore on Read
RW
0
31.0
Scramble Disable
0 = enable data scrambling
1 = disable data scrambling,
RW
0
Table 5.34 Register 29 - Interrupt Source Flags (continued)
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com