Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 64 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 60Page - SMSC Corporation LAN8710 Datasheet HTML 61Page - SMSC Corporation LAN8710 Datasheet HTML 62Page - SMSC Corporation LAN8710 Datasheet HTML 63Page - SMSC Corporation LAN8710 Datasheet HTML 64Page - SMSC Corporation LAN8710 Datasheet HTML 65Page - SMSC Corporation LAN8710 Datasheet HTML 66Page - SMSC Corporation LAN8710 Datasheet HTML 67Page - SMSC Corporation LAN8710 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
64
SMSC LAN8710/LAN8710i
DATASHEET
6.4
RMII CLKIN Requirements
6.5
Reset Timing
Table 6.10 RMII CLKIN (REF_CLK) Timing Values
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
NOTES
CLKIN frequency
50
MHz
CLKIN Frequency Drift
± 50
ppm
CLKIN Duty Cycle
40
60
%
CLKIN Jitter
150
psec
p-p – not RMS
Figure 6.10 Reset Timing Diagram
Table 6.11 Reset Timing Values
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
NOTES
T11.1
Reset Pulse Width
100
us
T11.2
Configuration input setup to
nRST rising
200
ns
T11.3
Configuration input hold after
nRST rising
10
ns
T11.4
Output Drive after nRST rising
20
800
ns
20 clock cycles for
25 MHz clock
or
40 clock cycles for
50MHz clock
nRST
Configuration
Signals
T11.1
T11.4
O utput drive
T11.2
T11.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com