Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 59 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 55Page - SMSC Corporation LAN8710 Datasheet HTML 56Page - SMSC Corporation LAN8710 Datasheet HTML 57Page - SMSC Corporation LAN8710 Datasheet HTML 58Page - SMSC Corporation LAN8710 Datasheet HTML 59Page - SMSC Corporation LAN8710 Datasheet HTML 60Page - SMSC Corporation LAN8710 Datasheet HTML 61Page - SMSC Corporation LAN8710 Datasheet HTML 62Page - SMSC Corporation LAN8710 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
59
Revision 1.0 (04-15-09)
DATASHEET
6.2.2.2
10M MII Transmit Timing
Figure 6.5 10M MII Transmit Timing Diagrams
Table 6.5 10M MII Transmit Timing Values
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
NOTES
T5.1
Transmit signals required setup to
TXCLK rising
12
ns
Transmit signals required hold
after TXCLK rising
0ns
TXCLK frequency
2.5
MHz
TXCLK Duty-Cycle
50
%
Clock Out -
TX_CLK
Data In -
TXD[3:0]
T5.1
TX_EN
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com