Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 56 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 56 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 52Page - SMSC Corporation LAN8710 Datasheet HTML 53Page - SMSC Corporation LAN8710 Datasheet HTML 54Page - SMSC Corporation LAN8710 Datasheet HTML 55Page - SMSC Corporation LAN8710 Datasheet HTML 56Page - SMSC Corporation LAN8710 Datasheet HTML 57Page - SMSC Corporation LAN8710 Datasheet HTML 58Page - SMSC Corporation LAN8710 Datasheet HTML 59Page - SMSC Corporation LAN8710 Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
56
SMSC LAN8710/LAN8710i
DATASHEET
6.2
MII 10/100Base-TX/RX Timings
6.2.1
MII 100Base-T TX/RX Timings
6.2.1.1
100M MII Receive Timing
Figure 6.2 100M MII Receive Timing Diagram
Table 6.2 100M MII Receive Timing Values
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
NOTES
T2.1
Receive signals setup to RXCLK
rising
10
ns
T2.2
Receive signals hold from RXCLK
rising
10
ns
RXCLK frequency
25
MHz
RXCLK Duty-Cycle
50
%
Clock Out -
RX_CLK
Data Out -
RXD[3:0]
T2.1
RX_DV
RX_ER
T2.2
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com