Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 22 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 18Page - SMSC Corporation LAN8710 Datasheet HTML 19Page - SMSC Corporation LAN8710 Datasheet HTML 20Page - SMSC Corporation LAN8710 Datasheet HTML 21Page - SMSC Corporation LAN8710 Datasheet HTML 22Page - SMSC Corporation LAN8710 Datasheet HTML 23Page - SMSC Corporation LAN8710 Datasheet HTML 24Page - SMSC Corporation LAN8710 Datasheet HTML 25Page - SMSC Corporation LAN8710 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
22
SMSC LAN8710/LAN8710i
DATASHEET
4.2.6
100M Phase Lock Loop (PLL)
The 100M PLL locks onto reference clock and generates the 125MHz clock used to drive the 125
MHz logic and the 100Base-Tx Transmitter.
4.3
100Base-TX Receive
The receive data path is shown in Figure 4.2. Detailed descriptions are given below.
4.3.1
100M Receive Input
The MLT-3 from the cable is fed into the transceiver (on inputs RXP and RXN) via a 1:1 ratio
transformer. The ADC samples the incoming differential signal at a rate of 125M samples per second.
Using a 64-level quanitizer it generates 6 digital bits to represent each sample. The DSP adjusts the
gain of the ADC according to the observed signal levels such that the full dynamic range of the ADC
can be used.
4.3.2
Equalizer, Baseline Wander Correction and Clock and Data Recovery
The 6 bits from the ADC are fed into the DSP block. The equalizer in the DSP section compensates
for phase and amplitude distortion caused by the physical channel consisting of magnetics, connectors,
and CAT- 5 cable. The equalizer can restore the signal for any good-quality CAT-5 cable between 1m
and 150m.
If the DC content of the signal is such that the low-frequency components fall below the low frequency
pole of the isolation transformer, then the droop characteristics of the transformer will become
significant and Baseline Wander (BLW) on the received signal will result. To prevent corruption of the
received data, the transceiver corrects for BLW and can receive the ANSI X3.263-1995 FDDI TP-PMD
defined “killer packet” with no bit errors.
The 100M PLL generates multiple phases of the 125MHz clock. A multiplexer, controlled by the timing
unit of the DSP, selects the optimum phase for sampling the data. This is used as the received
recovered clock. This clock is used to extract the serial data from the received signal.
Figure 4.2 Receive Data Path
MA C
Tx
Driver
MLT -3
Converter
NR Z I
C onverter
4B /5B
E ncoder
CA T-5
RJ45
25M H z by
5 bits
NRZ I
MLT-3
MLT -3
MLT -3
Scram bler
and PISO
M II/R M II
25M H z
by 4 bits
E xt R ef_C LK (for R M II only)
PLL
M II 25 M hz by 4 bits
or
R M II 50 M hz by 2 bits
MLT -3
M agnetics
125 M bps S erial
T X _C LK
(for M II only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com