Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 31 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 27Page - SMSC Corporation LAN8710 Datasheet HTML 28Page - SMSC Corporation LAN8710 Datasheet HTML 29Page - SMSC Corporation LAN8710 Datasheet HTML 30Page - SMSC Corporation LAN8710 Datasheet HTML 31Page - SMSC Corporation LAN8710 Datasheet HTML 32Page - SMSC Corporation LAN8710 Datasheet HTML 33Page - SMSC Corporation LAN8710 Datasheet HTML 34Page - SMSC Corporation LAN8710 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
31
Revision 1.0 (04-15-09)
DATASHEET
The internal logic of the device detects the TX and RX pins of the connecting device. Since the RX
and TX line pairs are interchangeable, special PCB design considerations are needed to accommodate
the symmetrical magnetics and termination of an Auto-MDIX design.
The Auto-MDIX function can be disabled using the Special Control/Status Indications register (bit
27.15).
4.9
Internal +1.2V Regulator Disable
One feature of the flexPWR technology is the ability to configure the internal 1.2V regulator off. When
the regulator is disabled, external 1.2V must be supplied to VDDCR. This makes it possible to reduce
total system power, since an external switching regulator with greater efficiency than the internal linear
regulator may be used to provide the +1.2V to the transceiver circuitry.
4.9.1
Disable the Internal +1.2V Regulator
To disable the +1.2V internal regulator, a pullup strapping resistor is connected from LED1/REGOFF
to VDD2A. At power-on, after both VDDIO and VDD2A are within specification, the transceiver will
sample the LED1/REGOFF pin to determine if the internal regulator should turn on. If the pin is
sampled at a voltage greater than VIH, then the internal regulator is disabled, and the system must
supply +1.2V to the VDDCR pin. As described in Section 4.9.2, when the LED1/REGOFF pin is left
floating or connected to VSS, then the internal regulator is enabled and the system is not required to
supply +1.2V to the VDDCR pin.
4.9.2
Enable the Internal +1.2V Regulator
The 1.2V for VDDCR is supplied by the on-chip regulator unless the transceiver is configured for
regulator off mode using the LED1/REGOFF pin as described in Section 4.9.1. By default, the internal
+1.2V regulator is enabled when the LED1/REGOFF pin is floating. As shown in Table 7.10, an internal
pull-down resistor straps the regulator on if the LED1/REGOFF pin is floating.
During VDDIO and VDDA power-on, if the LED1/REGOFF pin is sampled below VIL, then the internal
+1.2V regulator will turn on and operate with power from the VDD2A pin.
Figure 4.4 Direct Cable Connection vs. Cross-over Cable Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com