Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 69 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 65Page - SMSC Corporation LAN8710 Datasheet HTML 66Page - SMSC Corporation LAN8710 Datasheet HTML 67Page - SMSC Corporation LAN8710 Datasheet HTML 68Page - SMSC Corporation LAN8710 Datasheet HTML 69Page - SMSC Corporation LAN8710 Datasheet HTML 70Page - SMSC Corporation LAN8710 Datasheet HTML 71Page - SMSC Corporation LAN8710 Datasheet HTML 72Page - SMSC Corporation LAN8710 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
69
Revision 1.0 (04-15-09)
DATASHEET
7.1.4
DC Characteristics - Input and Output Buffers
Table 7.5 MII Bus Interface Signals
NAME
VIH (V)
VIL (V)
IOH
IOL
VOL (V)
VOH (V)
TXD0
0.63 * VDDIO
0.39 * VDDIO
TXD1
0.63 * VDDIO
0.39 * VDDIO
TXD2
0.63 * VDDIO
0.39 * VDDIO
TXD3
0.63 * VDDIO
0.39 * VDDIO
TXEN
0.63 * VDDIO
0.39 * VDDIO
TXCLK
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD0/MODE0
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD1/MODE1
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD2/RMIISEL
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD3/PHYAD2
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXER/RXD4/PHYAD0
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXDV
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXCLK/PHYAD1
-8 mA
+8 mA
+0.4
VDDIO – +0.4
CRS
-8 mA
+8 mA
+0.4
VDDIO – +0.4
COL/CRS_DV/MODE2
-8 mA
+8 mA
+0.4
VDDIO – +0.4
MDC
0.63 * VDDIO
0.39 * VDDIO
MDIO
0.63 * VDDIO
0.39 * VDDIO
-8 mA
+8 mA
+0.4
VDDIO – +0.4
nINT/TXER/TXD4
0.63 * VDDIO
0.39 * VDDIO
-8 mA
+8 mA
+0.4
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com