Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 44 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 40Page - SMSC Corporation LAN8710 Datasheet HTML 41Page - SMSC Corporation LAN8710 Datasheet HTML 42Page - SMSC Corporation LAN8710 Datasheet HTML 43Page - SMSC Corporation LAN8710 Datasheet HTML 44Page - SMSC Corporation LAN8710 Datasheet HTML 45Page - SMSC Corporation LAN8710 Datasheet HTML 46Page - SMSC Corporation LAN8710 Datasheet HTML 47Page - SMSC Corporation LAN8710 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
44
SMSC LAN8710/LAN8710i
DATASHEET
17.6
ALTINT
Alternate Interrupt Mode.
0 = Primary interrupt system enabled (Default).
1 = Alternate interrupt system enabled.
See Section 5.2, "Interrupt Management," on page 47.
RW
0
17.5:4
Reserved
Write as 0, ignore on read.
RW
00
17.3
PHYADBP
1 = PHY disregards PHY address in SMI access
write.
RW
0
17.2
Force
Good Link Status
0 = normal operation;
1 = force 100TX- link active;
Note:
This bit should be set only during lab testing
RW
0
17.1
ENERGYON
ENERGYON – indicates whether energy is detected
on the line (see Section 5.3.5.2, "Energy Detect
Power-Down," on page 50); it goes to “0” if no valid
energy is detected within 256ms. Reset to “1” by
hardware reset, unaffected by SW reset.
RO
X
17.0
Reserved
Write as 0. Ignore on read.
RW
0
Table 5.30 Register 18 - Special Modes
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
18.15
Reserved
Write as 0, ignore on read.
RW
0
18.14
MIIMODE
MII Mode: set the mode of the digital interface, as
described in Section 5.3.9.3:
0 – MII interface.
1 – RMII interface
RW,
NASR
X
18.13:8
Reserved
Write as 0, ignore on read.
RW,
NASR
000000
18.7:5
MODE
Transceiver Mode of operation. Refer to Section
5.3.9.2, "Mode Bus – MODE[2:0]," on page 53 for
more details.
RW,
NASR
XXX
18.4:0
PHYAD
PHY Address.
The PHY Address is used for the SMI address and for
the initialization of the Cipher (Scrambler) key. Refer
to Section 5.3.9.1, "Physical Address Bus -
PHYAD[2:0]," on page 52 for more details.
RW,
NASR
PHYAD
Table 5.31 Register 26 - Symbol Error Counter
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
26.15:0
Sym_Err_Cnt
100Base-TX receiver-based error register that
increments when an invalid code symbol is received
including IDLE symbols. The counter is incremented
only once per packet, even when the received packet
contains more than one symbol error. The 16-bit
register counts up to 65,536 (216) and rolls over to 0
if incremented beyond that value. This register is
cleared on reset, but is not cleared by reading the
register. It does not increment in 10Base-T mode.
RO
0
Table 5.29 Register 17 - Mode Control/Status (continued)
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com