Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 43 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 39Page - SMSC Corporation LAN8710 Datasheet HTML 40Page - SMSC Corporation LAN8710 Datasheet HTML 41Page - SMSC Corporation LAN8710 Datasheet HTML 42Page - SMSC Corporation LAN8710 Datasheet HTML 43Page - SMSC Corporation LAN8710 Datasheet HTML 44Page - SMSC Corporation LAN8710 Datasheet HTML 45Page - SMSC Corporation LAN8710 Datasheet HTML 46Page - SMSC Corporation LAN8710 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
43
Revision 1.0 (04-15-09)
DATASHEET
Table 5.27 Register 6 - Auto Negotiation Expansion
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
6.15:5
Reserved
RO
0
6.4
Parallel Detection
Fault
1 = fault detected by parallel detection logic
0 = no fault detected by parallel detection logic
RO/
LH
0
6.3
Link Partner Next
Page Able
1 = link partner has next page ability
0 = link partner does not have next page ability
RO
0
6.2
Next Page Able
1 = local device has next page ability
0 = local device does not have next page ability
RO
0
6.1
Page Received
1 = new page received
0 = new page not yet received
RO/
LH
0
6.0
Link Partner Auto-
Negotiation Able
1 = link partner has auto-negotiation ability
0 = link partner does not have auto-negotiation ability
RO
0
Table 5.28 Register 16 - Silicon Revision
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
16.15:10
Reserved
RO
0
16.9:6
Silicon Revision
Four-bit silicon revision identifier.
RO
0001
16.5:0
Reserved
RO
0
Table 5.29 Register 17 - Mode Control/Status
ADDRESS
NAME
DESCRIPTION
MODE
DEFAULT
17.15:14
Reserved
Write as 0; ignore on read.
RW
0
17.13
EDPWRDOWN
Enable the Energy Detect Power-Down mode:
0 = Energy Detect Power-Down is disabled
1 = Energy Detect Power-Down is enabled
RW
0
17.12
Reserved
Write as 0, ignore on read
RW
0
17.11
LOWSQEN
The Low_Squelch signal is equal to LOWSQEN AND
EDPWRDOWN.
Low_Squelch = 1 implies a lower threshold
(more sensitive).
Low_Squelch = 0 implies a higher threshold
(less sensitive).
RW
0
17.10
MDPREBP
Management Data Preamble Bypass:
0 – detect SMI packets with Preamble
1 – detect SMI packets without preamble
RW
0
17.9
FARLOOPBACK
Force the module to the FAR Loop Back mode, i.e. all
the received packets are sent back simultaneously (in
100Base-TX only). This bit is only active in RMII
mode, as described in Section 5.3.8.2. This mode
works even if MII Isolate (0.10) is set.
RW
0
17.8:7
Reserved
Write as 0, ignore on read.
RW
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com