Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 70 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 70 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 66Page - SMSC Corporation LAN8710 Datasheet HTML 67Page - SMSC Corporation LAN8710 Datasheet HTML 68Page - SMSC Corporation LAN8710 Datasheet HTML 69Page - SMSC Corporation LAN8710 Datasheet HTML 70Page - SMSC Corporation LAN8710 Datasheet HTML 71Page - SMSC Corporation LAN8710 Datasheet HTML 72Page - SMSC Corporation LAN8710 Datasheet HTML 73Page - SMSC Corporation LAN8710 Datasheet HTML 74Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
70
SMSC LAN8710/LAN8710i
DATASHEET
Note 7.3
These levels apply when a 0-3.3V Clock is driven into XTAL1/CLKIN and XTAL2 is floating.
The maximum input voltage on XTAL1/CLKIN is VDD2A + 0.4V.
Table 7.6 LAN Interface Signals
NAME
VIH
VIL
IOH
IOL
VOL
VOH
TXP
See Table 7.11, “100Base-TX Transceiver Characteristics,” on page 71 and Table 7.12,
“10BASE-T Transceiver Characteristics,” on page 72.
TXN
RXP
RXN
Table 7.7 LED Signals
NAME
VIH (V)
VIL (V)
IOH
IOL
VOL (V)
VOH (V)
LED1/REGOFF
0.63 * VDD2A
0.39 * VDD2A
-12 mA
+12 mA
+0.4
VDD2A – +0.4
LED2/nINTSEL
0.63 * VDD2A
0.39 * VDD2A
-12 mA
+12 mA
+0.4
VDD2A – +0.4
Table 7.8 Configuration Inputs
NAME
VIH (V)
VIL (V)
IOH
IOL
VOL (V)
VOH (V)
RXD0/MODE0
0.63 * VDDIO
0.39 * VDDIO
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD1/MODE1
0.63 * VDDIO
0.39 * VDDIO
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD2/RMIISEL
0.63 * VDDIO
0.39 * VDDIO
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXD3/PHYAD2
0.63 * VDDIO
0.39 * VDDIO
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXER/RXD4/PHYAD0
0.63 * VDDIO
0.39 * VDDIO
-8 mA
+8 mA
+0.4
VDDIO – +0.4
RXCLK/PHYAD1
0.63 * VDDIO
0.39 * VDDIO
-8 mA
+8 mA
+0.4
VDDIO – +0.4
COL/CRS_DV/MODE2
0.63 * VDDIO
0.39 * VDDIO
-8 mA
+8 mA
+0.4
VDDIO – +0.4
Table 7.9 General Signals
NAME
VIH (V)
VIL (V)
IOH
IOL
VOL (V)
VOH (V)
nINT/TXER/TXD4
-8 mA
+8 mA
+0.4
VDDIO – +0.4
nRST
0.63 * VDDIO
0.39 * VDDIO
XTAL1/CLKIN (Note 7.3)
+1.40 V
0.39 * VDD2A
XTAL2
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com