Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 18 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 14Page - SMSC Corporation LAN8710 Datasheet HTML 15Page - SMSC Corporation LAN8710 Datasheet HTML 16Page - SMSC Corporation LAN8710 Datasheet HTML 17Page - SMSC Corporation LAN8710 Datasheet HTML 18Page - SMSC Corporation LAN8710 Datasheet HTML 19Page - SMSC Corporation LAN8710 Datasheet HTML 20Page - SMSC Corporation LAN8710 Datasheet HTML 21Page - SMSC Corporation LAN8710 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
18
SMSC LAN8710/LAN8710i
DATASHEET
3.6
Analog Reference
3.7
Power Signals
TXN
28
AIO
Transmit/Receive Negative Channel 1.
RXP
31
AIO
Transmit/Receive Positive Channel 2.
RXN
30
AIO
Transmit/Receive Negative Channel 2.
Table 3.7 Analog References 32-QFN
SIGNAL
NAME
32-QFN
PIN #
TYPE
DESCRIPTION
RBIAS
32
AI
External 1% Bias Resistor. Requires a 12.1k ohm (1%) resistor to ground
connected as described in the Analog Layout Guidelines. The nominal
voltage is 1.2V and the resistor will dissipate approximately 1mW of power.
Table 3.8 Power Signals 32-QFN
SIGNAL
NAME
32-QFN
PIN #
TYPE
DESCRIPTION
VDDIO
12
P
+1.6V to +3.6V Variable I/O Pad Power
VDDCR
6
P
+1.2V (Core voltage) - 1.2V for digital circuitry on chip. Supplied by the on-
chip regulator unless configured for regulator off mode using the
LED1/REGOFF pin. A 1uF decoupling capacitor to ground should be used on
this pin when using the internal 1.2V regulator.
VDD1A
27
P
+3.3V Analog Port Power to Channel 1.
VDD2A
1
P
+3.3V Analog Port Power to Channel 2 and to internal regulator.
VSS
FLAG
GND
The flag must be connected to the ground plane with a via array under the
exposed flag. This is the ground connection for the IC.
Table 3.6 10/100 Line Interface Signals (continued) 32-QFN (continued)
SIGNAL
NAME
32-QFN
PIN #
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com