Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 28Page - SMSC Corporation LAN8710 Datasheet HTML 29Page - SMSC Corporation LAN8710 Datasheet HTML 30Page - SMSC Corporation LAN8710 Datasheet HTML 31Page - SMSC Corporation LAN8710 Datasheet HTML 32Page - SMSC Corporation LAN8710 Datasheet HTML 33Page - SMSC Corporation LAN8710 Datasheet HTML 34Page - SMSC Corporation LAN8710 Datasheet HTML 35Page - SMSC Corporation LAN8710 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
32
SMSC LAN8710/LAN8710i
DATASHEET
4.10
nINTSEL Strapping and LED Polarity Selection
The nINT, TXER, and TXD4 functions share a common pin. There are two functional modes for this
pin, the TXER/TXD4 mode and nINT (interrupt) mode.
The nINTSEL pin is shared with the LED2 pin. The LED2 output will automatically change polarity
based on the presence of an external pull-down resistor. If the LED pin is pulled high (by the internal
pull-up resistor) to select a logical high for nINTSEL, then the LED output will be active low. If the LED
pin is pulled low by an external pull-down resistor to select a logical low nINTSEL, the LED output will
then be an active high output.
To set nINTSEL without LEDs, float the pin to set nINTSEL high or pull-down the pin with an external
resistor to GND to set nINTSEL low. See Figure 4.5.
The LED2/nINTSEL pin is latched on the rising edge of the nRST. The default setting is to float the
pin high for nINT mode.
4.11
REGOFF and LED Polarity Selection
The REGOFF configuration pin is shared with the LED1 pin. The LED1 output will automatically
change polarity based on the presence of an external pull-up resistor. If the LED pin is pulled high to
VDD2A by an external pull-up resistor to select a logical high for REGOFF, then the LED output will
be active low. If the LED pin is pulled low by the internal pull-down resistor to select a logical low for
REGOFF, the LED output will then be an active high output.
To set REGOFF without LEDs, pull-up the pin with an external resistor to VDDIO to disable the
regulator. See Figure 4.6.
Figure 4.5 nINTSEL Strapping on LED2
~270 ohms
nINTSEL = 0
LED output = active high
10K
~270 ohms
VDD2A
nINTSEL = 1
LED output = active low
LED2/nINTSEL
LED2/nINTSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com