Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 33 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 29Page - SMSC Corporation LAN8710 Datasheet HTML 30Page - SMSC Corporation LAN8710 Datasheet HTML 31Page - SMSC Corporation LAN8710 Datasheet HTML 32Page - SMSC Corporation LAN8710 Datasheet HTML 33Page - SMSC Corporation LAN8710 Datasheet HTML 34Page - SMSC Corporation LAN8710 Datasheet HTML 35Page - SMSC Corporation LAN8710 Datasheet HTML 36Page - SMSC Corporation LAN8710 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
33
Revision 1.0 (04-15-09)
DATASHEET
4.12
PHY Address Strapping
The PHY ADDRESS bits are latched into an internal register at the end of a hardware reset. The 3-
bit address word[2:0] is input on the PHYAD[2:0] pins. The default setting is 3'b000 as described in
Section 5.3.9.1.
4.13
Variable Voltage I/O
The Digital I/O pins on the LAN8710/LAN8710i are variable voltage to take advantage of low power
savings from shrinking technologies. These pins can operate from a low I/O voltage of +1.8V-10% up
to +3.3V+10%. The I/O voltage the System Designer applies on VDDIO needs to maintain its value
with a tolerance of ± 10%. Varying the voltage up or down, after the transceiver has completed power-
on reset can cause errors in the transceiver operation.
4.14
Transceiver Management Control
The Management Control module includes 3 blocks:
Serial Management Interface (SMI)
Management Registers Set
Interrupt
4.14.1
Serial Management Interface (SMI)
The Serial Management Interface is used to control the LAN8710/LAN8710i and obtain its status. This
interface supports registers 0 through 6 as required by Clause 22 of the 802.3 standard, as well as
“vendor-specific” registers 16 to 31 allowed by the specification. Non-supported registers (7 to 15) will
be read as hexadecimal “FFFF”.
At the system level there are 2 signals, MDIO and MDC where MDIO is bi-directional open-drain and
MDC is the clock.
A special feature (enabled by register 17 bit 3) forces the transceiver to disregard the PHY-Address in
the SMI packet causing the transceiver to respond to any address. This feature is useful in multi-PHY
Figure 4.6 REGOFF Configuration on LED1
LED1/REGOFF
~270 ohms
REGOFF = 0
LED output = active high
~270 ohms
VDD2A
REGOFF = 1 (Regulator OFF)
LED output = active low
LED1/REGOFF
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com