Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 68 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 68 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 64Page - SMSC Corporation LAN8710 Datasheet HTML 65Page - SMSC Corporation LAN8710 Datasheet HTML 66Page - SMSC Corporation LAN8710 Datasheet HTML 67Page - SMSC Corporation LAN8710 Datasheet HTML 68Page - SMSC Corporation LAN8710 Datasheet HTML 69Page - SMSC Corporation LAN8710 Datasheet HTML 70Page - SMSC Corporation LAN8710 Datasheet HTML 71Page - SMSC Corporation LAN8710 Datasheet HTML 72Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
68
SMSC LAN8710/LAN8710i
DATASHEET
7.1.3
Power Consumption
7.1.3.1
Power Consumption Device Only
Power measurements taken over the operating conditions specified. See Section 5.3.5 for a description
of the power down modes.
Note: The current at VDDCR is either supplied by the internal regulator from current entering at
VDD2A, or from an external 1.2V supply when the internal regulator is disabled.
Note 7.1
This is calculated with full flexPWR features activated: VDDIO = 1.8V and internal regulator
disabled.
Note 7.2
Current measurements do not include power applied to the magnetics or the optional
external LEDs.
Table 7.4 Power Consumption Device Only
POWER PIN GROUP
VDDA3.3
POWER
PINS(MA)
VDDCR
POWER
PIN(MA)
VDDIO
POWER
PIN(MA)
TOTAL
CURRENT
(MA)
TOTAL
POWER
(MW)
100BASE-T /W TRAFFIC
Max
27.7
20.2
5.2
53.1
175.2
Typical
25.5
18
4.3
47.8
157.7
Min
22.7
17.5
2.4
42.6
100.2
Note 7.1
10BASE-T /W TRAFFIC
Max
10.2
12.9
0.98
24.1
79.5
Typical
9.4
11.4
0.4
21.2
70
Min
9.2
10.9
0.3
20.4
44
Note 7.1
ENERGY DETECT POWER
DOWN
Max
4.5
3
0.3
7.8
25.
Typical
4.3
1.4
0.2
5.9
19.5
Min
3.9
1.3
0
5.2
15.9
Note 7.1
GENERAL POWER DOWN
Max
0.4
2.6
0.3
3.3
10.9
Typical
0.3
1.2
0.2
1.7
5.6
Min
0.3
1.1
0
1.4
2.4
Note 7.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com