Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 48 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 44Page - SMSC Corporation LAN8710 Datasheet HTML 45Page - SMSC Corporation LAN8710 Datasheet HTML 46Page - SMSC Corporation LAN8710 Datasheet HTML 47Page - SMSC Corporation LAN8710 Datasheet HTML 48Page - SMSC Corporation LAN8710 Datasheet HTML 49Page - SMSC Corporation LAN8710 Datasheet HTML 50Page - SMSC Corporation LAN8710 Datasheet HTML 51Page - SMSC Corporation LAN8710 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
48
SMSC LAN8710/LAN8710i
DATASHEET
Note: The ENERGYON bit 17.1 is defaulted to a ‘1’ at the start of the signal acquisition process,
therefore the Interrupt source flag 29.7 will also read as a ‘1’ at power-up. If no signal is
present, then both 17.1 and 29.7 will clear within a few milliseconds.
5.2.2
Alternate Interrupt System
The Alternative method is enabled by writing a ‘1’ to 17.6 (ALTINT).
To set an interrupt, set the corresponding bit of the in the Mask Register 30, (see Table 5.38).
To Clear an interrupt, either clear the corresponding bit in the Mask Register (30), this will de-assert
the nINT output, or Clear the Interrupt Source, and write a ‘1’ to the corresponding Interrupt Source
Flag. Writing a ‘1’ to the Interrupt Source Flag will cause the state machine to check the Interrupt
Source to determine if the Interrupt Source Flag should clear or stay as a ‘1’. If the Condition to De-
Assert is true, then the Interrupt Source Flag is cleared, and the nINT is also de-asserted. If the
Condition to De-Assert is false, then the Interrupt Source Flag remains set, and the nINT remains
asserted.
For example 30.7 is set to ‘1’ to enable the ENERGYON interrupt. After a cable is plugged in,
ENERGYON (17.1) goes active and nINT will be asserted low.
To de-assert the nINT interrupt output, either.
1. Clear the ENERGYON bit (17.1), by removing the cable, then writing a ‘1’ to register 29.7.
Or
2. Clear the Mask bit 30.1 by writing a ‘0’ to 30.1.
Note: The ENERGYON bit 17.1 is defaulted to a ‘1’ at the start of the signal acquisition process,
therefore the Interrupt source flag 29.7 will also read as a ‘1’ at power-up. If no signal is
present, then both 17.1 and 29.7 will clear within a few milliseconds.
5.3
Miscellaneous Functions
5.3.1
Carrier Sense
The carrier sense is output on CRS. CRS is a signal defined by the MII specification in the IEEE 802.3u
standard. The LAN8710 asserts CRS based only on receive activity whenever the transceiver is either
Table 5.38 Alternative Interrupt System Management Table
MASK
INTERRUPT SOURCE
FLAG
INTERRUPT SOURCE
EVENT TO
ASSERT nINT
CONDITION
TO
DE-ASSERT
BIT TO
CLEAR
nINT
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1
17.1 low
29.7
30.6
29.6
Auto-Negotiation
complete
1.5
Auto-Negotiate
Complete
Rising 1.5
1.5 low
29.6
30.5
29.5
Remote Fault
Detected
1.4
Remote Fault
Rising 1.4
1.4 low
29.5
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
1.2 high
29.4
30.3
29.3
Auto-Negotiation
LP Acknowledge
5.14
Acknowledge
Rising 5.14
5.14 low
29.3
30.2
29.2
Parallel
Detection Fault
6.4
Parallel Detection
Fault
Rising 6.4
6.4 low
29.2
30.1
29.1
Auto-Negotiation
Page Received
6.1
Page Received
Rising 6.1
6.1 low
29.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com