Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 62 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 62 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 58Page - SMSC Corporation LAN8710 Datasheet HTML 59Page - SMSC Corporation LAN8710 Datasheet HTML 60Page - SMSC Corporation LAN8710 Datasheet HTML 61Page - SMSC Corporation LAN8710 Datasheet HTML 62Page - SMSC Corporation LAN8710 Datasheet HTML 63Page - SMSC Corporation LAN8710 Datasheet HTML 64Page - SMSC Corporation LAN8710 Datasheet HTML 65Page - SMSC Corporation LAN8710 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
62
SMSC LAN8710/LAN8710i
DATASHEET
6.3.2
RMII 10Base-T TX/RX Timings (50MHz REF_CLK IN)
6.3.2.1
10M RMII Receive Timing (50MHz REF_CLK IN)
Figure 6.8 10M RMII Receive Timing Diagram (50MHz REF_CLK IN)
Table 6.8 10M RMII Receive Timing Values (50MHz REF_CLK IN)
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
NOTES
T9.1
Output delay from rising edge of
CLKIN to receive signals output
valid
310
ns
CLKIN frequency
50
MHz
Clock In -
CLKIN
Data Out -
RXD[1:0]
CRS_DV
Valid Data
T9.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com