Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 73 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 69Page - SMSC Corporation LAN8710 Datasheet HTML 70Page - SMSC Corporation LAN8710 Datasheet HTML 71Page - SMSC Corporation LAN8710 Datasheet HTML 72Page - SMSC Corporation LAN8710 Datasheet HTML 73Page - SMSC Corporation LAN8710 Datasheet HTML 74Page - SMSC Corporation LAN8710 Datasheet HTML 75Page - SMSC Corporation LAN8710 Datasheet HTML 76Page - SMSC Corporation LAN8710 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
SMSC LAN8710/LAN8710i
73
Revision 1.0 (04-15-09)
DATASHEET
Chapter 8 Application Notes
8.1
Application Diagram
The LAN8710 requires few external components. The voltage on the magnetics center tap can range
from 2.5 - 3.3V.
8.1.1
MII Diagram
Figure 8.1 Simplified Application Diagram
LAN8710
10/100 PHY
32-QFN
MII
TXP
TXN
Mag
RJ45
RXP
RXN
25MHz
XTAL1/CLKIN
XTAL2
TXD[3:0]
4
RXD[3:0]
RXCLK
RXDV
4
MII
LED[2:1]
2
Interface
MDIO
MDC
nINT
nRST
TXCLK
TXER
TXEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com