Electronic Components Datasheet Search
  English  ▼

X  

LAN8710 Datasheet(PDF) 28 Page - SMSC Corporation

Part # LAN8710
Description  MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button LAN8710 Datasheet HTML 24Page - SMSC Corporation LAN8710 Datasheet HTML 25Page - SMSC Corporation LAN8710 Datasheet HTML 26Page - SMSC Corporation LAN8710 Datasheet HTML 27Page - SMSC Corporation LAN8710 Datasheet HTML 28Page - SMSC Corporation LAN8710 Datasheet HTML 29Page - SMSC Corporation LAN8710 Datasheet HTML 30Page - SMSC Corporation LAN8710 Datasheet HTML 31Page - SMSC Corporation LAN8710 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology in a Small Footprint
Datasheet
Revision 1.0 (04-15-09)
28
SMSC LAN8710/LAN8710i
DATASHEET
Note 4.1
In RMII mode, this pin needs to tied to VSS.
Note 4.2
The RXER signal is optional on the RMII bus. This signal is required by the transceiver,
but it is optional for the MAC. The MAC can choose to ignore or not use this signal.
The RMII REF_CLK is a continuous clock that provides the timing reference for CRS_DV, RXD[1:0],
TXEN, TXD[1:0] and RXER. The LAN8710 uses REF_CLK as the network clock such that no buffering
is required on the transmit data path. However, on the receive data path, the receiver recovers the
clock from the incoming data stream, and the LAN8710 uses elasticity buffering to accommodate for
differences between the recovered clock and the local REF_CLK.
4.7
Auto-negotiation
The purpose of the Auto-negotiation function is to automatically configure the transceiver to the
optimum link parameters based on the capabilities of its link partner. Auto-negotiation is a mechanism
for exchanging configuration information between two link-partners and automatically selecting the
highest performance mode of operation supported by both sides. Auto-negotiation is fully defined in
clause 28 of the IEEE 802.3 specification.
Once auto-negotiation has completed, information about the resolved link can be passed back to the
controller via the Serial Management Interface (SMI). The results of the negotiation process are
reflected in the Speed Indication bits in register 31, as well as the Link Partner Ability Register
(Register 5).
Table 4.2 MII/RMII Signal Mapping
LAN8710 PIN NAME
MII MODE
RMII MODE
TXD0
TXD0
TXD0
TXD1
TXD1
TXD1
TXEN
TXEN
TXEN
RXER/
RXD4/PHYAD0
RXER
RXER
Note 4.2
COL/CRS_DV/MODE2
COL
CRS_DV
RXD0/MODE0
RXD0
RXD0
RXD1/MODE1
RXD1
RXD1
TXD2
TXD2
Note 4.1
TXD3
TXD3
Note 4.1
nINT/TXER/TXD4
TXER/
TXD4
CRS
CRS
RXDV
RXDV
RXD2/RMIISEL
RXD2
RXD3/PHYAD2
RXD3
TXCLK
TXCLK
RXCLK/PHYAD1
RXCLK
XTAL1/CLKIN
XTAL1/CLKIN
REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com