Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 13Page - NXP Semiconductors LPC1850 Datasheet HTML 14Page - NXP Semiconductors LPC1850 Datasheet HTML 15Page - NXP Semiconductors LPC1850 Datasheet HTML 16Page - NXP Semiconductors LPC1850 Datasheet HTML 17Page - NXP Semiconductors LPC1850 Datasheet HTML 18Page - NXP Semiconductors LPC1850 Datasheet HTML 19Page - NXP Semiconductors LPC1850 Datasheet HTML 20Page - NXP Semiconductors LPC1850 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 3 January 2011
17 of 84
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
P8_3[2]
J3
I; PU
I/O
GPIO4[3] — General purpose digital input/output pin.
I/O
USB1_ULPI_D2 — ULPI link bidirectional data line 2.
-n.c.
O
LCDVD12 — LCD data.
P8_4[2]
J2
I; PU
I/O
GPIO4[4] — General purpose digital input/output pin.
I/O
USB1_ULPI_D1 — ULPI link bidirectional data line 1.
-n.c.
O
LCDVD7 — LCD data.
P8_5[2]
J1
I; PU
I/O
GPIO4[5] — General purpose digital input/output pin.
I/O
USB1_ULPI_D0 — ULPI link bidirectional data line 0.
-n.c.
O
LCDVD6 — LCD data.
P8_6[2]
K3
I; PU
I/O
GPIO4[6] — General purpose digital input/output pin.
I
USB1_ULPI_NXT — ULPI link NXT signal. Data flow control signal from the
PHY.
-n.c.
O
LCDVD5 — LCD data.
P8_7[2]
K1
I; PU
I/O
GPIO4[7] — General purpose digital input/output pin.
O
USB1_ULPI_STP — ULPI link STP signal. Asserted to end or interrupt
transfers to the PHY.
-n.c.
O
LCDVD4 — LCD data.
P8_8[2]
L1
<tbd>
-
n.c.
I
USB1_ULPI_CLK — ULPI link CLK signal. 60 MHz clock generated by the
PHY.
-n.c.
-n.c.
P9_0[2]
T1
I; PU
I/O
GPIO4[12] — General purpose digital input/output pin.
O
MCABORT — Motor control PWM, LOW-active fast abort.
-n.c.
-n.c.
P9_1[2]
N6
I; PU
I/O
GPIO4[13] — General purpose digital input/output pin.
O
MCOA2 — Motor control PWM channel 2, output A.
-n.c.
-n.c.
P9_2[2]
N8
I; PU
I/O
GPIO4[14] — General purpose digital input/output pin.
O
MCOB2 — Motor control PWM channel 2, output B.
-n.c.
-n.c.
Table 3.
Pin description …continued
Symbol
Reset
state
[1]
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com