Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 24Page - NXP Semiconductors LPC1850 Datasheet HTML 25Page - NXP Semiconductors LPC1850 Datasheet HTML 26Page - NXP Semiconductors LPC1850 Datasheet HTML 27Page - NXP Semiconductors LPC1850 Datasheet HTML 28Page - NXP Semiconductors LPC1850 Datasheet HTML 29Page - NXP Semiconductors LPC1850 Datasheet HTML 30Page - NXP Semiconductors LPC1850 Datasheet HTML 31Page - NXP Semiconductors LPC1850 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 3 January 2011
28 of 84
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
XTAL2[6]
E1
-
O
Output from the oscillator amplifier.
Power and ground pins
USB0_VDDA3V3_
DRIVER
F3
<tbd>
Separate analog 3.3 V power supply for driver.
USB0_VDDA3V3
G3
<tbd>
USB 3.3 V separate power supply voltage
USB0_VSSA_TERM
H3
<tbd>
Dedicated analog ground for clean reference for termination resistors.
USB0_VSSA_REF
G1
<tbd>
Dedicated clean analog ground for generation of reference currents and
voltages.
VDDA
B4
-
Analog power supply.
VBAT
B10
-
RTC power supply: 3.3 V on this pin supplies power to the RTC.
VDDREG
F10;
F9;
L8;
L7;
Main regulator power supply
VPP
E8
OTP programming voltage
VDDIO
F7;
J7;
N7;
L10;
E12;
N13;
L9;
H10;
G10;
D7;
J6;
F8;
K7
I/O power supply
VSSA
B2
-
Ground
VSS
H7;
K8;
G9;
J11;
J10
Ground
Table 3.
Pin description …continued
Symbol
Reset
state
[1]
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com