| Electronic Components Datasheet Search |
|
LPC1850 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 84 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 1 — 3 January 2011 9 of 84 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller P1_18[2] N12 I; PU I/O GPIO0[13] — General purpose digital input/output pin. I/O U2_DIR — RS-485/EIA-485 output enable/direction control for UART2. -n.c. O ENET_TXD0 — Ethernet transmit data 0 (RMII/MII interface). P1_19[2] M11 <tbd> I ENET_TX_CLK (ENET_REF_CLK) — Ethernet Transmit Clock (MII interface) or Ethernet Reference Clock (RMII interface). I/O SSP1_SCK — Serial clock for SSP1. -n.c. -n.c. P1_20[2] M10 I; PU I/O GPIO0[15] — General purpose digital input/output pin. I/O SSP1_SSEL — Slave Select for SSP1. -n.c. O ENET_TXD1 — Ethernet transmit data 1 (RMII/MII interface). P2_0[2] T16 <tbd> - n.c. O U0_TXD — Transmitter output for USART0. I/O EXTBUS_A13 — External memory address line 13. O USB0_PWR_EN — VBUS drive signal (towards external charge pump or power management unit); indicates that Vbus must be driven (active high). P2_1[2] N15 <tbd> - n.c. I U0_RXD — Receiver input for USART0. I/O EXTBUS_A12 — External memory address line 12. O USB0_PWR_FAULT — Port power fault signal indicating overcurrent condition; this signal monitors over-current on the USB bus (external circuitry required to detect over-current condition). P2_2[2] M15 <tbd> - n.c. I/O U0_UCLK — Serial clock input/output for USART0 in synchronous mode. I/O EXTBUS_A11 — External memory address line 11. O USB0_IND1 — USB0 port indicator LED control output 1. P2_3[2] J12 <tbd> - n.c. I/O I2C1_SDA — I2C1 data input/output (this pin does not use a specialized I2C pad). O U3_TXD — Transmitter output for USART3. I CTIN_1 — SCT input 1. Capture input 1 of timer 0. Capture input 1 of timer 2. P2_4[2] K11 <tbd> - n.c. I/O I2C1_SCL — I2C1 clock input/output (this pin does not use a specialized I2C pad). I U3_RXD — Receiver input for USART3. I CTIN_0 — SCT input 0. Capture input 0 of timer 0, 1, 2, 3. Table 3. Pin description …continued Symbol Reset state [1] Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |