Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 16Page - NXP Semiconductors LPC1850 Datasheet HTML 17Page - NXP Semiconductors LPC1850 Datasheet HTML 18Page - NXP Semiconductors LPC1850 Datasheet HTML 19Page - NXP Semiconductors LPC1850 Datasheet HTML 20Page - NXP Semiconductors LPC1850 Datasheet HTML 21Page - NXP Semiconductors LPC1850 Datasheet HTML 22Page - NXP Semiconductors LPC1850 Datasheet HTML 23Page - NXP Semiconductors LPC1850 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 3 January 2011
20 of 84
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
PC_2[2]
F6
<tbd>
I/O
USB1_ULPI_D6 — ULPI link bidirectional data line 6.
O
SDIO_RST — SD/MMC reset signal for MMC4.4 card.
I
U1_CTS — Clear to Send input for UART 1.
O
ENET_TXD2 — Ethernet transmit data 2 (MII interface).
PC_3[2]
F5
<tbd>
I/O
USB1_ULPI_D5 — ULPI link bidirectional data line 5.
O
SDIO_VOLT1 — SD/MMC bus voltage select output 1.
O
U1_RTS — Request to Send output for UART 1. Can also be configured to be
an RS-485/EIA-485 output enable signal for UART 1.
O
ENET_TXD3 — Ethernet transmit data 3 (MII interface).
PC_4[2]
F4
<tbd>
I/O
SDIO_D0 — SD/MMC data bus line 0.
I/O
USB1_ULPI_D4 — ULPI link bidirectional data line 4.
I/O
SPIFI_CS — SPIFI serial flash chip select.
O
ENET_TX_EN — Ethernet transmit data enable (RMII/MII interface).
PC_5[2]
G4
<tbd>
I/O
SDIO_D1 — SD/MMC data bus line 1.
I/O
USB1_ULPI_D3 — ULPI link bidirectional data line 3.
I/O
SPIFI_MISO — Input I1 in SPIFI quad mode; SPIFI output IO1.
O
ENET_TX_ER — Ethernet Transmit Error (MII interface).
PC_6[2]
H6
<tbd>
I/O
SDIO_D2 — SD/MMC data bus line 2.
I/O
USB1_ULPI_D2 — ULPI link bidirectional data line 2.
-n.c.
I
ENET_RXD2 — Ethernet receive data 2 (RMII/MII interface).
PC_7[2]
G5
<tbd>
I/O
SDIO_D3 — SD/MMC data bus line 3.
I/O
USB1_ULPI_D1 — ULPI link bidirectional data line 1.
-n.c.
I
ENET_RXD3 — Ethernet receive data 3 (RMII/MII interface).
PC_8[2]
N4
<tbd>
I
SDIO_CD — SD/MMC card detect input.
I/O
USB1_ULPI_D0 — ULPI link bidirectional data line 0.
I/O
SPIFI_SIO2 — I/O lane 2 for SPIFI.
I
ENET_RX_DV — Ethernet Receive Data Valid (MII interface).
PC_9[2]
K2
<tbd>
O
SDIO_POW — <tbd>.
I
USB1_ULPI_NXT — ULPI link NXT signal. Data flow control signal from the
PHY.
-n.c.
I
ENET_RX_ER — Ethernet receive error (RMII/MII interface).
PC_10[2]
M5
<tbd>
I/O
SDIO_CMD — SD/MMC command signal.
O
USB1_ULPI_STP — ULPI link STP signal. Asserted to end or interrupt
transfers to the PHY.
I
U1_DSR — Data Set Ready input for UART 1.
-n.c.
Table 3.
Pin description …continued
Symbol
Reset
state
[1]
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com