Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 60Page - NXP Semiconductors LPC1850 Datasheet HTML 61Page - NXP Semiconductors LPC1850 Datasheet HTML 62Page - NXP Semiconductors LPC1850 Datasheet HTML 63Page - NXP Semiconductors LPC1850 Datasheet HTML 64Page - NXP Semiconductors LPC1850 Datasheet HTML 65Page - NXP Semiconductors LPC1850 Datasheet HTML 66Page - NXP Semiconductors LPC1850 Datasheet HTML 67Page - NXP Semiconductors LPC1850 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 3 January 2011
64 of 84
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
11.4 SSP interface
[1]
Tcy(clk) = (SSPCLKDIV × (1 + SCR) × CPSDVSR) / fmain. The clock cycle time derived from the SPI bit rate Tcy(clk) is a function of the
main clock frequency fmain, the SSP peripheral clock divider (SSPCLKDIV), the SSP SCR parameter (specified in the SSP0CR0
register), and the SSP CPSDVSR parameter (specified in the SSP clock prescale register).
[2]
Tamb = −40 °C to 85 °C; VDD(REG)(3V3) = 2.0 V to 3.6 V; VDD(IO) = 2.0 V to 3.6 V.
[3]
Tcy(clk) = 12 × Tcy(PCLK).
[4]
Tamb = 25 °C; VDD(REG)(3V3) = 3.3 V; VDD(IO) = 3.3 V.
Table 13.
Dynamic characteristics: SSP pins in SPI mode
Symbol
Parameter
Conditions
Min
Max
Unit
Tcy(PCLK)
PCLK cycle time
<tbd>
-
ns
Tcy(clk)
clock cycle time
[1]
<tbd>
-
ns
SSP master
tDS
data set-up time
in SPI mode
[2]
<tbd>
Tcy(clk)
ns
tDH
data hold time
in SPI mode
[2]
-
<tbd>
ns
tv(Q)
data output valid time
in SPI mode
[2]
-
<tbd>
ns
th(Q)
data output hold time
in SPI mode
[2]
-
<tbd>
ns
SSP slave
tDS
data set-up time
in SPI mode
[3][4]
<tbd>
-
ns
tDH
data hold time
in SPI mode
[3][4]
<tbd>
× T
cy(PCLK) +
<tbd>
-ns
tv(Q)
data output valid time
in SPI mode
[3][4]
-<tbd>
× T
cy(PCLK) +
<tbd>
ns
th(Q)
data output hold time
in SPI mode
[3][4]
-<tbd>
× T
cy(PCLK) +
<tbd>
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com