| Electronic Components Datasheet Search |
|
LPC1850 Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 84 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 1 — 3 January 2011 16 of 84 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller P7_2[2] A16 I; PU I/O GPIO3[10] — General purpose digital input/output pin. I CTIN_4 — SCT input 4. Capture input 2 of timer 1. I/O I2S_TX_SDA — I2S transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. O LCDVD18 — LCD data. P7_3[2] C13 I; PU I/O GPIO3[11] — General purpose digital input/output pin. I CTIN_3 — SCT input 3. Capture input 1 of timer 1. -n.c. O LCDVD17 — LCD data. P7_4[2] C8 I; PU I/O GPIO3[12] — General purpose digital input/output pin. O CTOUT_13 — SCT output 13. Match output 1 of timer 3. -n.c. O LCDVD16 — LCD data. P7_5[2] A7 I; PU I/O GPIO3[13] — General purpose digital input/output pin. O CTOUT_12 — SCT output 12. Match output 0 of timer 3. -n.c. O LCDVD8 — LCD data. P7_6[2] C7 I; PU I/O GPIO3[14] — General purpose digital input/output pin. O CTOUT_11 — SCT output 1. Match output 3 of timer 2. -n.c. O LCDLP — Line synchronization pulse (STN). Horizontal synchronization pulse (TFT). P7_7[2] B6 I; PU I/O GPIO3[15] — General purpose digital input/output pin. O CTOUT_8 — SCT output 8. Match output 0 of timer 2. -n.c. O LCDPWR — LCD panel power enable. P8_0[2] E5 I; PU I/O GPIO4[0] — General purpose digital input/output pin. O USB0_PWR_FAULT — Port power fault signal indicating overcurrent condition; this signal monitors over-current on the USB bus (external circuitry required to detect over-current condition). -n.c. I MCI2 — Motor control PWM channel 2, input. P8_1[2] H5 I; PU I/O GPIO4[1] — General purpose digital input/output pin. O USB0_IND1 — USB0 port indicator LED control output 1. -n.c. I MCI1 — Motor control PWM channel 1, input. P8_2[2] K4 I; PU I/O GPIO4[2] — General purpose digital input/output pin. O USB0_IND0 — USB0 port indicator LED control output 0. -n.c. I MCI0 — Motor control PWM channel 0, input. Table 3. Pin description …continued Symbol Reset state [1] Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |