| Electronic Components Datasheet Search |
|
LPC1850 Datasheet(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 Datasheet(HTML) 15 Page - NXP Semiconductors |
|
15 / 84 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 1 — 3 January 2011 15 of 84 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller P6_6[2] L14 I; PU I/O GPIO0[5] — General purpose digital input/output pin. O EXTBUS_BLS1 — LOW active Byte Lane select signal 1. -n.c. O USB0_PWR_FAULT — Port power fault signal indicating overcurrent condition; this signal monitors over-current on the USB bus (external circuitry required to detect over-current condition). P6_7[2] J13 <tbd> - n.c. I/O EXTBUS_A15 — External memory address line 15. -n.c. O USB0_IND1 — USB0 port indicator LED control output 1. P6_8[2] H13 <tbd> - n.c. I/O EXTBUS_A14 — External memory address line 14. -n.c. O USB0_IND0 — USB0 port indicator LED control output 0. P6_9[2] J15 I; PU I/O GPIO3[5] — General purpose digital input/output pin. -n.c. -n.c. O EXTBUS_DYCS0 — SDRAM chip select 0. P6_10[2] H15 I; PU I/O GPIO3[6] — General purpose digital input/output pin. O MCABORT — Motor control PWM, LOW-active fast abort. -n.c. O EXTBUS_DQMOUT1 — Data mask 1 used with SDRAM and static devices. P6_11[2] H12 I; PU I/O GPIO3[7] — General purpose digital input/output pin. -n.c. -n.c. O EXTBUS_CKEOUT0 — SDRAM clock enable 0. P6_12[2] G15 I; PU I/O GPIO2[8] — General purpose digital input/output pin. O CTOUT_7 — SCT output 7. Match output 3 of timer 1. -n.c. O EXTBUS_DQMOUT0 — Data mask 0 used with SDRAM and static devices. P7_0[2] B16 I; PU I/O GPIO3[8] — General purpose digital input/output pin. O CTOUT_14 — SCT output 14. Match output 2 of timer 3. -n.c. O LCDLE — Line end signal. P7_1[2] C14 I; PU I/O GPIO3[9] — General purpose digital input/output pin. O CTOUT_15 — SCT output 15. Match output 3 of timer 3. I/O I2S_TX_WS — Transmit Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. O LCDVD19 — LCD data. Table 3. Pin description …continued Symbol Reset state [1] Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |