| Electronic Components Datasheet Search |
|
LPC1850 Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 84 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 1 — 3 January 2011 14 of 84 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller P5_6[2] T13 I; PU I/O GPIO2[15] — General purpose digital input/output pin. O MCOB1 — Motor control PWM channel 1, output B. I/O EXTBUS_D10 — External memory data line 10. -n.c. P5_7[2] R12 I; PU I/O GPIO2[7] — General purpose digital input/output pin. O MCOA2 — Motor control PWM channel 2, output A. I/O EXTBUS_D11 — External memory data line 11. -n.c. P6_0 M12 <tbd> I/O I2S_RX_SCK — Receive Clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. O I2S_RX_MCLK — I2S receive master clock. -n.c. -n.c. P6_1[2] R15 I; PU I/O GPIO3[0] — General purpose digital input/output pin. O EXTBUS_DYCS1 — SDRAM chip select 1. I/O U0_UCLK — Serial clock input/output for USART0 in synchronous mode. I/O I2S_RX_WS — Receive Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. P6_2[2] L13 I; PU I/O GPIO3[1] — General purpose digital input/output pin. O EXTBUS_CKEOUT1 — SDRAM clock enable 1. I/O U0_DIR — RS-485/EIA-485 output enable/direction control for USART0. I/O I2S_RX_SDA — I2S Receive data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. P6_3[2] P15 I; PU I/O GPIO3[2] — General purpose digital input/output pin. O USB0_PWR_EN — VBUS drive signal (towards external charge pump or power management unit); indicates that Vbus must be driven (active high). -n.c. O EXTBUS_CS1 — LOW active Chip Select 1 signal. P6_4[2] R16 I; PU I/O GPIO3[3] — General purpose digital input/output pin. I CTIN_6 — SCT input 6. Capture input 1 of timer 3. O U0_TXD — Transmitter output for USART0. O EXTBUS_CAS — LOW active SDRAM Column Address Strobe. P6_5[2] P16 I; PU I/O GPIO3[4] — General purpose digital input/output pin. O CTOUT_6 — SCT output 6. Match output 2 of timer 1. I U0_RXD — Receiver input for USART0. O EXTBUS_RAS — LOW active SDRAM Row Address Strobe. Table 3. Pin description …continued Symbol Reset state [1] Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |