Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 65Page - NXP Semiconductors LPC1850 Datasheet HTML 66Page - NXP Semiconductors LPC1850 Datasheet HTML 67Page - NXP Semiconductors LPC1850 Datasheet HTML 68Page - NXP Semiconductors LPC1850 Datasheet HTML 69Page - NXP Semiconductors LPC1850 Datasheet HTML 70Page - NXP Semiconductors LPC1850 Datasheet HTML 71Page - NXP Semiconductors LPC1850 Datasheet HTML 72Page - NXP Semiconductors LPC1850 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
11.7 Static external memory interface
Table 16.
Dynamic characteristics: Static external memory interface
CL =30 pF; Tamb = −40 °C to 85 °C; VDD(REG)(3V3) and VDD(IO) over specified ranges <tbd>; AHB clock = 1 MHz
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Common to read and write cycles[1]
tCSLAV
CS LOW to address valid
time
<tbd>
<tbd>
<tbd>
ns
Read cycle parameters[1][2]
tOELAV
OE LOW to address valid
time
<tbd>
<tbd>
<tbd>
ns
tCSLOEL
CS LOW to OE LOW time
<tbd> + Tcy(CCLK) ×
WAITOEN
0 + Tcy(CCLK) × WAITOEN
<tbd> + Tcy(CCLK) ×
WAITOEN
ns
tam
memory access time
[3][4] (WAITRD
− WAITOEN + 1) ×
Tcy(CCLK) − <tbd>
(WAITRD
− WAITOEN + 1) ×
Tcy(CCLK) − <tbd>
(WAITRD
− WAITOEN + 1) ×
Tcy(CCLK) − <tbd>
ns
th(D)
data input hold time
[5] <tbd>
<tbd>
<tbd>
ns
tCSHOEH
CS HIGH to OE HIGH time
<tbd>
<tbd>
<tbd>
ns
tOEHANV
OE HIGH to address invalid
time
<tbd>
<tbd>
<tbd>
ns
tOELOEH
OE LOW to OE HIGH time
<tbd> + (WAITRD
−
WAITOEN + 1)
× T
cy(CCLK)
0 + (WAITRD
− WAITOEN +
1)
× T
cy(CCLK)
<tbd> + (WAITRD
−
WAITOEN + 1)
× T
cy(CCLK)
tBLSLAV
BLS LOW to address valid
time
<tbd>
<tbd>
<tbd>
ns
tCSHBLSH
CS HIGH to BLS HIGH time
<tbd>
<tbd>
<tbd>
ns
Write cycle parameters[1][6]
tCSLWEL
CS LOW to WE LOW time
<tbd> + Tcy(CCLK) × (1 +
WAITWEN)
<tbd> + Tcy(CCLK) × (1 +
WAITWEN)
<tbd> + Tcy(CCLK) × (1 +
WAITWEN)
ns
tCSLBLSL
CS LOW to BLS LOW time
−0.88
0.49
0.98
ns
tWELDV
WE LOW to data valid time
0.68
2.54
5.86
ns
tCSLDV
CS LOW to data valid time
0
2.64
4.79
ns
tWELWEH
WE LOW to WE HIGH time
[3] <tbd> + Tcy(CCLK) ×
(WAITWR
− WAITWEN + 1)
0 + Tcy(CCLK) × (WAITWR −
WAITWEN + 1)
<tbd> + Tcy(CCLK) ×
(WAITWR
− WAITWEN + 1)
ns
tBLSLBLSH BLS LOW to BLS HIGH
time
[3] <tbd> + Tcy(CCLK) ×
(WAITWR
− WAITWEN + 3)
0 + Tcy(CCLK) × (WAITWR −
WAITWEN + 3)
<tbd> + Tcy(CCLK) ×
(WAITWR
− WAITWEN + 3)
ns
tWEHANV
WE HIGH to address invalid
time
[3] <tbd> + Tcy(CCLK)
<tbd> + Tcy(CCLK)
<tbd> + Tcy(CCLK)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com