Electronic Components Datasheet Search
  English  ▼

X  

LPC1850 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 19Page - NXP Semiconductors LPC1850 Datasheet HTML 20Page - NXP Semiconductors LPC1850 Datasheet HTML 21Page - NXP Semiconductors LPC1850 Datasheet HTML 22Page - NXP Semiconductors LPC1850 Datasheet HTML 23Page - NXP Semiconductors LPC1850 Datasheet HTML 24Page - NXP Semiconductors LPC1850 Datasheet HTML 25Page - NXP Semiconductors LPC1850 Datasheet HTML 26Page - NXP Semiconductors LPC1850 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 3 January 2011
23 of 84
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
PD_14[2]
R13
<tbd>
-
n.c.
-n.c.
O
EXTBUS_DYCS2 — SDRAM chip select 2.
-n.c.
PD_15[2]
T15
<tbd>
-
n.c.
-n.c.
I/O
EXTBUS_A17 — External memory address line 17.
-n.c.
PD_16[2]
R14
<tbd>
-
n.c.
-n.c.
I/O
EXTBUS_A16 — External memory address line 16.
-n.c.
PE_0[2]
P14
<tbd>
-
n.c.
-n.c.
-n.c.
I/O
EXTBUS_A18 — External memory address line 18.
PE_1[2]
N14
<tbd>
-
n.c.
-n.c.
-n.c.
I/O
EXTBUS_A19 — External memory address line 19.
PE_2[2]
M14
<tbd>
I
ADCTRIG0 — ADC trigger input 0.
I
CAN1_RD — CAN1 receiver input.
I/O
SPIFI_MOSI — Input I0 in SPIFI quad mode; SPIFI output IO0.
I/O
EXTBUS_A20 — External memory address line 20.
PE_3[2]
K12
<tbd>
-
n.c.
O
CAN1_TD — CAN1 transmitter output.
I
ADCTRIG1 — ADC trigger input 1.
I/O
EXTBUS_A21 — External memory address line 21.
PE_4[2]
K13
<tbd>
-
n.c.
I
NMI — External interrupt input to NMI.
-n.c.
I/O
EXTBUS_A22 — External memory address line 22.
PE_5[2]
N16
<tbd>
-
n.c.
O
CTOUT_3 — SCT output 3. Match output 3 of timer 0.
O
U1_RTS — Request to Send output for UART 1. Can also be configured to be
an RS-485/EIA-485 output enable signal for UART 1.
I/O
EXTBUS_D24 — External memory data line 24.
Table 3.
Pin description …continued
Symbol
Reset
state
[1]
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com