| Electronic Components Datasheet Search |
|
LPC1850 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 84 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 1 — 3 January 2011 10 of 84 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller P2_5[3] K14 <tbd> - n.c. I CTIN_2 — SCT input 2. Capture input 2 of timer 0. I USB1_VBUS — Monitors the presence of USB1 bus power. Note: This signal must be HIGH for USB reset to occur. I ADCTRIG1 — ADC trigger input 1. P2_6[2] K16 <tbd> - n.c. I/O U0_DIR — RS-485/EIA-485 output enable/direction control for USART0. I/O EXTBUS_A10 — External memory address line 10. O USB0_IND0 — USB0 port indicator LED control output 0. P2_7[2] H14 I; PU I/O GPIO0[7] — General purpose digital input/output pin. This pin is sampled at RESET for ISP entry. O CTOUT_1 — SCT output 1. Match output 1 of timer 0. I/O U3_UCLK — Serial clock input/output for USART3 in synchronous mode. I/O EXTBUS_A9 — External memory address line 9. P2_8[2] J16 <tbd> - n.c. O CTOUT_0 — SCT output 0. Match output 0 of timer 0. I/O U3_DIR — RS-485/EIA-485 output enable/direction control for USART3. I/O EXTBUS_A8 — External memory address line 8. Boot control pin 2 (see Table 5). P2_9[2] H16 I; PU I/O GPIO1[10] — General purpose digital input/output pin. O CTOUT_3 — SCT output 3. Match output 3 of timer 0. I/O U3_BAUD3 — <tbd>for USART3. I/O EXTBUS_A0 — External memory address line 0. P2_10[2] G16 I; PU I/O GPIO0[14] — General purpose digital input/output pin. O CTOUT_2 — SCT output 2. Match output 2 of timer 0. O U2_TXD — Transmitter output for USART2. I/O EXTBUS_A1 — External memory address line 1. P2_11[2] F16 I; PU I/O GPIO1[11] — General purpose digital input/output pin. O CTOUT_5 — SCT output 5. Match output 1 of timer 1. I U2_RXD — Receiver input for USART2. I/O EXTBUS_A2 — External memory address line 2. P2_12[2] E15 I; PU I/O GPIO1[12] — General purpose digital input/output pin. O CTOUT_4 — SCT output 4. Match output 0 of timer 1. -n.c. I/O EXTBUS_A3 — External memory address line 3. P2_13[2] C16 I; PU I/O GPIO1[13] — General purpose digital input/output pin. I CTIN_4 — SCT input 4. Capture input 2 of timer 1. -n.c. I/O EXTBUS_A4 — External memory address line 4. Table 3. Pin description …continued Symbol Reset state [1] Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |