Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 110 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 106Page - NXP Semiconductors LPC4370 Datasheet HTML 107Page - NXP Semiconductors LPC4370 Datasheet HTML 108Page - NXP Semiconductors LPC4370 Datasheet HTML 109Page - NXP Semiconductors LPC4370 Datasheet HTML 110Page - NXP Semiconductors LPC4370 Datasheet HTML 111Page - NXP Semiconductors LPC4370 Datasheet HTML 112Page - NXP Semiconductors LPC4370 Datasheet HTML 113Page - NXP Semiconductors LPC4370 Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
110 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
11.9 SSP interface
[1]
Tcy(clk) = (SSPCLKDIV  (1 + SCR)  CPSDVSR) / fmain. The clock cycle time derived from the SPI bit rate Tcy(clk) is a function of the
main clock frequency fmain, the SSP peripheral clock divider (SSPCLKDIV), the SSP SCR parameter (specified in the SSP0CR0
register), and the SSP CPSDVSR parameter (specified in the SSP clock prescale register).
[2]
Tcy(clk) = 12  Tcy(PCLK).
Table 22.
Dynamic characteristics: SSP pins in SPI mode
Tamb =25 C; 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V. Simulated values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tcy(clk)
clock cycle time
full-duplex mode
[1]
-40
-
ns
when only
transmitting
-20
-
ns
SSP master
tDS
data set-up time
in SPI mode
13.3
-
-
ns
tDH
data hold time
in SPI mode
3.5
-
-
ns
tv(Q)
data output valid time
in SPI mode
-
-
6.0
ns
th(Q)
data output hold time
in SPI mode
-
-
0
ns
SSP slave
Tcy(PCLK) PCLK cycle time
10
ns
Tcy(clk)
clock cycle time
[2]
120
-
-
ns
tDS
data set-up time
in SPI mode
-
10.5
-
ns
tDH
data hold time
in SPI mode
-
1
-
ns
tv(Q)
data output valid time
in SPI mode
-
4.0
-
ns
th(Q)
data output hold time
in SPI mode
-
0.2
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com