Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 114 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 110Page - NXP Semiconductors LPC4370 Datasheet HTML 111Page - NXP Semiconductors LPC4370 Datasheet HTML 112Page - NXP Semiconductors LPC4370 Datasheet HTML 113Page - NXP Semiconductors LPC4370 Datasheet HTML 114Page - NXP Semiconductors LPC4370 Datasheet HTML 115Page - NXP Semiconductors LPC4370 Datasheet HTML 116Page - NXP Semiconductors LPC4370 Datasheet HTML 117Page - NXP Semiconductors LPC4370 Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
114 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
[1]
SGPIO_CLOCK is the internally generated SGPIO clock. TSGPIO = 1/fSGPIO_CLOCK.
Table 25.
Dynamic characteristics: SGPIO
Tamb = 40 C to +85 C; 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V. Simulated values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tsu(D)
data input set-up time
2
-
-
ns
th(D)
data input hold time
[1]
TSGPIO + 2
-
-
ns
tsu(D)
data input set-up time sampled by
SGPIO_CLOCK
[1]
TSGPIO + 2
-
-
ns
th(D)
data input hold time
sampled by
SGPIO_CLOCK
[1]
TSGPIO + 2
-
-
ns
tv(Q)
data output valid time
[1]
-
-
2 x TSGPIO
ns
th(Q)
data output hold time
[1]
TSGPIO
-ns
tv(Q)
data output valid time
sampled by
SGPIO_CLOCK
[1]
-3
-
3
ns
th(Q)
data output hold time
sampled by
SGPIO_CLOCK
[1]
-3
-
3
ns
Fig 30. SGPIO timing
SGPIO_CLOCK
DIN
CLKINext
sync(CLKINext) = CLKINi
sync(DIN)
Dout
CLKout
DINi
DINi
DQi
th(D)
tsu(D)
th(Q)
tv(Q)
002aah668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com