Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 118 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 114Page - NXP Semiconductors LPC4370 Datasheet HTML 115Page - NXP Semiconductors LPC4370 Datasheet HTML 116Page - NXP Semiconductors LPC4370 Datasheet HTML 117Page - NXP Semiconductors LPC4370 Datasheet HTML 118Page - NXP Semiconductors LPC4370 Datasheet HTML 119Page - NXP Semiconductors LPC4370 Datasheet HTML 120Page - NXP Semiconductors LPC4370 Datasheet HTML 121Page - NXP Semiconductors LPC4370 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
118 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
[1]
Program the EMC_CLKn delay values in the EMCDELAYCLK register (see the LPC43xx User manual).
The delay values must be the same for all SDRAM clocks EMC_CLKn: CLK0_DELAY = CLK1_DELAY =
CLK2_DELAY = CLK3_DELAY.
Table 27.
Dynamic characteristics: Dynamic external memory interface
Simulated data over temperature and process range; CL = 10 pF for EMC_DYCSn, EMC_RAS, EMC_CAS, EMC_WE,
EMC_An; CL = 9 pF for EMC_Dn; CL = 5 pF for EMC_DQMOUTn, EMC_CLKn, EMC_CKEOUTn; Tamb = 40 C to 85 C;
2.2 V
V
DD(REG)(3V3) 3.6 V; VDD(IO) =3.3 V 10 %; RD = 1 (see LPC43xx User manual); EMC_CLKn delays CLK0_DELAY
= CLK1_DELAY = CLK2_DELAY = CLK3_DELAY = 0.
Symbol
Parameter
Min
Typ
Max
Unit
Tcy(clk)
clock cycle time
8.4
-
-
ns
Common to read and write cycles
td(DYCSV)
DYCS delay time
-
3.1 + 0.5
 T
cy(clk)
5.1 + 0.5
 T
cy(clk)
ns
th(DYCS)
DYCS hold time
0.3 + 0.5
 T
cy(clk)
0.9 + 0.5
 T
cy(clk)
-ns
td(RASV)
row address strobe valid delay time
-
3.1 + 0.5
 T
cy(clk)
4.9 + 0.5
 T
cy(clk)
ns
th(RAS)
row address strobe hold time
0.5 + 0.5
 T
cy(clk)
1.1 + 0.5
 T
cy(clk)
-ns
td(CASV)
column address strobe valid delay time
-
2.9 + 0.5
 T
cy(clk)
4.6 + 0.5
 T
cy(clk)
ns
th(CAS)
column address strobe hold time
0.3 + 0.5
 T
cy(clk)
0.9 + 0.5
 T
cy(clk)
-ns
td(WEV)
WE valid delay time
-
3.2 + 0.5
 T
cy(clk)
5.9 + 0.5
 T
cy(clk)
ns
th(WE)
WE hold time
1.3 + 0.5
 T
cy(clk)
1.4 + 0.5
 T
cy(clk)
-ns
td(DQMOUTV)
DQMOUT valid delay time
-
3.1 + 0.5
 T
cy(clk)
5.0 + 0.5
 T
cy(clk)
ns
th(DQMOUT)
DQMOUT hold time
0.2 + 0.5
 T
cy(clk)
0.8 + 0.5
 T
cy(clk)
-ns
td(AV)
address valid delay time
-
3.8 + 0.5
 T
cy(clk)
6.3 + 0.5
 T
cy(clk)
ns
th(A)
address hold time
0.3 + 0.5
 T
cy(clk)
0.9 + 0.5
 T
cy(clk)
-ns
td(CKEOUTV)
CKEOUT valid delay time
-
3.1 + 0.5
 T
cy(clk)
5.1 + 0.5
 T
cy(clk)
ns
th(CKEOUT)
CKEOUT hold time
0.5
 T
cy(clk)
0.7 + 0.5
 T
cy(clk)
-ns
Read cycle parameters
tsu(D)
data input set-up time
1.5
0.5
-
ns
th(D)
data input hold time
-
0.8
2.2
ns
Write cycle parameters
td(QV)
data output valid delay time
-
3.8 + 0.5
 T
cy(clk)
6.2 + 0.5
 T
cy(clk)
ns
th(Q)
data output hold time
0.5
 T
cy(clk)
0.7 + 0.5
 T
cy(clk)
-ns
Table 28.
Dynamic characteristics: Dynamic external memory interface; EMC_CLK[3:0]
delay values
Tamb = 40 C to 85 C; VDD(IO) =3.3 V 10 %; 2.2 V VDD(REG)(3V3) 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
td
delay time
delay value
CLKn_DELAY = 0
[1]
0.0
0.0
0.0
ns
CLKn_DELAY = 1 [1]
0.4
0.5
0.8
ns
CLKn_DELAY = 2 [1]
0.7
1.0
1.7
ns
CLKn_DELAY = 3 [1]
1.1
1.6
2.5
ns
CLKn_DELAY = 4 [1]
1.4
2.0
3.3
ns
CLKn_DELAY = 5 [1]
1.7
2.6
4.1
ns
CLKn_DELAY = 6 [1]
2.1
3.1
4.9
ns
CLKn_DELAY = 7 [1]
2.5
3.6
5.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com