Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 122 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 118Page - NXP Semiconductors LPC4370 Datasheet HTML 119Page - NXP Semiconductors LPC4370 Datasheet HTML 120Page - NXP Semiconductors LPC4370 Datasheet HTML 121Page - NXP Semiconductors LPC4370 Datasheet HTML 122Page - NXP Semiconductors LPC4370 Datasheet HTML 123Page - NXP Semiconductors LPC4370 Datasheet HTML 124Page - NXP Semiconductors LPC4370 Datasheet HTML 125Page - NXP Semiconductors LPC4370 Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
122 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
[1]
Output drivers can drive a load
 25 pF accommodating over 12 inch of PCB trace and the input
capacitance of the receiving device.
[2]
Timing values are given from the point at which the clock signal waveform crosses 1.4 V to the valid input or
output level.
tsu
set-up time
for ENET_TXDn, ENET_TX_EN,
ENET_RXDn, ENET_RX_ER,
ENET_RX_DV
[1][2]
4-
ns
th
hold time
for ENET_TXDn, ENET_TX_EN,
ENET_RXDn, ENET_RX_ER,
ENET_RX_DV
[1][2]
2-
ns
MII mode
fclk
clock frequency
for ENET_TX_CLK
[1]
-
25
MHz
clk
clock duty cycle
[1]
50
50
%
tsu
set-up time
for ENET_TXDn, ENET_TX_EN,
ENET_TX_ER
[1][2]
4-
ns
th
hold time
for ENET_TXDn, ENET_TX_EN,
ENET_TX_ER
[1][2]
2-
ns
fclk
clock frequency
for ENET_RX_CLK
[1]
-
25
MHz
clk
clock duty cycle
[1]
50
50
%
tsu
set-up time
for ENET_RXDn, ENET_RX_ER,
ENET_RX_DV
[1][2]
4-
ns
th
hold time
for ENET_RXDn, ENET_RX_ER,
ENET_RX_DV
[1][2]
2-
ns
Fig 35. Ethernet timing
Table 31.
Dynamic characteristics: Ethernet
Tamb = 40 C to 85 C; 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V. Values guaranteed by
design.
Symbol Parameter
Conditions
Min
Max
Unit
002aag210
th
tsu
ENET_RX_CLK
ENET_TX_CLK
ENET_RXD[n]
ENET_RX_DV
ENET_RX_ER
ENET_TXD[n]
ENET_TX_EN
ENET_TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com