Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 124 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 120Page - NXP Semiconductors LPC4370 Datasheet HTML 121Page - NXP Semiconductors LPC4370 Datasheet HTML 122Page - NXP Semiconductors LPC4370 Datasheet HTML 123Page - NXP Semiconductors LPC4370 Datasheet HTML 124Page - NXP Semiconductors LPC4370 Datasheet HTML 125Page - NXP Semiconductors LPC4370 Datasheet HTML 126Page - NXP Semiconductors LPC4370 Datasheet HTML 127Page - NXP Semiconductors LPC4370 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
124 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
12. ADC/DAC electrical characteristics
[1]
fin = signal input frequency. The bias current is programmable. Higher bias current allows for a higher ADC conversion frequency at
higher power consumption.
Table 34.
12-bit ADC characteristics
VDDA(3V3) over specified ranges; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDC
DC input common mode
level
0.1
0.5
0.9
V
Cin
input capacitance
single ended
-
4.5
-
pF
Ri
input resistance
single ended; per selected
positive or negative input pin
-5
-
k
Vi(range)
input voltage range
differential, peak-to-peak
0.72
0.8
0.88
V
fc(ADC)
ADC conversion
frequency
12-bit resolution
-
-
80
MSamples/s
fc(ADC) = 10 Msamples/s; fin = 1 MHz; bias current bits CRS[3:0] = 0000[1]
INL
integral non-linearity
-
1.1
-
LSB
DNL
differential non-linearity
-
0.7
-
LSB
ENOB
effective number of bits
-
10.4
-
-
SNR
signal-to-noise ratio
-
64.0
-
dB
THD
total harmonic distortion
-
-73
-
dB
SFDR
spurious free dynamic
range
-80
-
dB
HD2
second harmonic
distortion
--84
-
dB
HD3
third harmonic distortion
-
-75
-
dB
fc(ADC) = 60 Msamples/s; fin = 1 MHz; bias current bits CRS[3:0] = 0011[1]
INL
integral non-linearity
-
1.2
-
LSB
DNL
differential non-linearity
-
0.7
-
LSB
ENOB
effective number of bits
-
10.1
-
-
SNR
signal-to-noise ratio
-
63
-
dB
THD
total harmonic distortion
-
-72
-
dB
SFDR
spurious free dynamic
range
-75
-
dB
HD2
second harmonic
distortion
--79
-
dB
HD3
third harmonic distortion
-
-75
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com