Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 113 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 109Page - NXP Semiconductors LPC4370 Datasheet HTML 110Page - NXP Semiconductors LPC4370 Datasheet HTML 111Page - NXP Semiconductors LPC4370 Datasheet HTML 112Page - NXP Semiconductors LPC4370 Datasheet HTML 113Page - NXP Semiconductors LPC4370 Datasheet HTML 114Page - NXP Semiconductors LPC4370 Datasheet HTML 115Page - NXP Semiconductors LPC4370 Datasheet HTML 116Page - NXP Semiconductors LPC4370 Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
113 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
11.12 SPIFI
11.13 SGPIO timing
The following considerations apply to SGPIO timing:
• SGPIO input signals are synchronized by the internal clock SGPIO_CLOCK. To
guarantee that no samples are missed, all input signals should have a duration of at
least one SGPIO_CLOCK cycle plus the set-up and hold times.
• When an external clock input is used to generate output data, synchronization causes
a latency of at least one SGPIO_CLOCK cycle. The maximum output data rate is one
output every two SGPIO_CLOCK cycles.
• Synchronization also causes a latency of one SGPIO_CLOCK cycle when sampling
several inputs. This may cause inputs with very similar timings to be sampled with a
difference of one SGPIO_CLOCK cycle.
Table 24.
Dynamic characteristics: SPIFI
Tamb = 40 C to 85 C; 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V. CL = 10 pF. Simulated
values.
Symbol
Parameter
Min
Max
Unit
Tcy(clk)
clock cycle time
9.6
-
ns
tDS
data set-up time
3.4
-
ns
tDH
data hold time
-ns
tv(Q)
data output valid time
-
8
ns
th(Q)
data output hold time
5
-
ns
Fig 29. SPIFI timing
SPIFI_SCK
SPIFI data out
SPIFI data in
Tcy(clk)
tDS
tDH
tv(Q)
DATA VALID
DATA VALID
th(Q)
DATA VALID
DATA VALID
002aah409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com