Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 13Page - NXP Semiconductors PCF8537 Datasheet HTML 14Page - NXP Semiconductors PCF8537 Datasheet HTML 15Page - NXP Semiconductors PCF8537 Datasheet HTML 16Page - NXP Semiconductors PCF8537 Datasheet HTML 17Page - NXP Semiconductors PCF8537 Datasheet HTML 18Page - NXP Semiconductors PCF8537 Datasheet HTML 19Page - NXP Semiconductors PCF8537 Datasheet HTML 20Page - NXP Semiconductors PCF8537 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
17 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.2 Start-up and shut-down
8.2.1 Power-On Reset (POR)
At power-on, the PCF8537 resets to starting conditions as follows:
1. All backplane and segment outputs are set to VSS.
2. Selected drive mode is: 1:8 with 1⁄4 bias.
3. Input and output bank selectors are reset.
4. The I2C-bus and SPI-bus interface are initialized.
5. The data pointer is cleared (set logic 0).
6. The internal oscillator is running; no clock signal is available on pin CLK; pin CLK is in
3-state.
7. Temperature measurement is enabled.
8. Temperature filter is disabled.
9. The internal VLCD voltage generation is disabled. The charge pump is switched off.
10. The VLCD temperature compensation is enabled.
11. The display is disabled.
The reset state is as shown in Table 23.
Remark: Do not transfer data on the I2C-bus or SPI-bus for at least 1 ms after a power-on
reset to allow the reset action to complete.
Table 23.
Reset state
Reset state of configuration bits shown in the command table format for clarity. The bit labeled with - has an undefined reset
state.
Command name
Bits
7
6
5
4
3
2
1
0
Oscillator-ctrl
110
011
COE = 0
OSC = 0
Charge-pump-ctrl
1
1
0
0
0
0
CPE = 0
CPC = 0
Temp-msr-ctrl
110
010
TCE = 1
TME = 1
Temp-comp
000
11SLA[2:0] = 000
001
00SLB[2:0] = 000
001
01SLC[2:0] = 000
001
10SLD[2:0] = 000
Set-VPR
0
1
0
0
VPR[7:4] = 0000
0
1
0
1
VPR[3:0] = 0000
Display-enable
001
110
0E = 0
Set-MUX-mode
000
00M[2:0] = 000
Set-bias-mode
1
1
0
0
0
1
B[1:0] = 00
Load-data-pointer
1
0
P[5:0] is undefined
Frame-frequency
0
1
1
F[4:0] = 01110
Bank-select
0
0
0
0
1
0
IBS = 0
OBS = 0
Invmode_ctrl
1
1
0
1
0
1
LF = 0
-
Temp-filter
110
100
1TFE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com