Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 42Page - NXP Semiconductors PCF8537 Datasheet HTML 43Page - NXP Semiconductors PCF8537 Datasheet HTML 44Page - NXP Semiconductors PCF8537 Datasheet HTML 45Page - NXP Semiconductors PCF8537 Datasheet HTML 46Page - NXP Semiconductors PCF8537 Datasheet HTML 47Page - NXP Semiconductors PCF8537 Datasheet HTML 48Page - NXP Semiconductors PCF8537 Datasheet HTML 49Page - NXP Semiconductors PCF8537 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
46 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
The display RAM bit map, Figure 32, shows row 0 to row 7 which correspond with the
backplane outputs BP0 to BP7, and column 0 to column 45 which correspond with the
segment outputs S0 to S45. In multiplexed LCD applications, the data of each row of the
display RAM is time-multiplexed with the corresponding backplane (row 0 with BP0, row 1
with BP1, and so on).
When display data is transmitted to the PCF8537, the display bytes received are stored in
the display RAM in accordance with the selected LCD multiplex drive mode. The data is
stored as it arrives. Depending on the current multiplex drive mode, data is stored
singularly, in pairs, quadruples, sextuples or bytes.
8.8.1 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This
allows the loading of an individual display data byte, or a series of display data bytes, into
any location of the display RAM. The sequence commences with the initialization of the
data pointer by the Load-data-pointer command (see Table 15 on page 12).
Following this command, an arriving data byte is stored starting at the display RAM
address indicated by the data pointer.
After each byte stored, the data pointer is automatically incremented in accordance with
the chosen LCD multiplex drive mode configuration:
• by eight (static drive mode)
• by four (1:2 multiplex drive mode)
• by two (1:4 multiplex drive mode)
• by one or two (1:6 multiplex drive mode), see Figure 37 on page 49
• by one (1:8 multiplex drive mode)
When the address counter reaches the end of the RAM row, it stops incrementing after the
last byte is transmitted. Redundant bits of the last byte transmitted are discarded.
Additional bytes, sent after the end of the RAM is reached, will be discarded too. The data
pointer does not wrap around to the beginning. To send new RAM data, the data pointer
must be reset.
If an I2C-bus or SPI-bus data access is terminated early, then the state of the data pointer
is unknown. The data pointer must then be re-written before further RAM accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com