Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 38Page - NXP Semiconductors PCF8537 Datasheet HTML 39Page - NXP Semiconductors PCF8537 Datasheet HTML 40Page - NXP Semiconductors PCF8537 Datasheet HTML 41Page - NXP Semiconductors PCF8537 Datasheet HTML 42Page - NXP Semiconductors PCF8537 Datasheet HTML 43Page - NXP Semiconductors PCF8537 Datasheet HTML 44Page - NXP Semiconductors PCF8537 Datasheet HTML 45Page - NXP Semiconductors PCF8537 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
42 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.5 Backplane and segment outputs
8.5.1 Backplane outputs
The LCD drive section includes eight backplane outputs: BP0 to BP7. The backplane
output signals are generated based on the selected LCD multiplex drive mode.
Table 29 describes which outputs are active for each of the multiplex drive modes and
what signal is generated.
[1]
These pins may optionally or alternatively be connected to the display to improve drive strength. Connect
only with the corresponding output pin carrying the same signal. If not required, they can be left open
circuit.
8.5.1.1
1:8 multiplex drive mode
In 1:8 multiplex drive mode, BP0 to BP7 must be connected directly to the LCD.
8.5.1.2
1:6 multiplex drive mode
1:6 multiplex mode is a special case. In this mode BP0 to BP5 must be connected directly
to the display as back plane signals and S44 and S45 must be connected to the display as
segment signals.
8.5.1.3
1:4 multiplex drive mode
In the 1:4 multiplex drive mode, BP0 to BP3 must be connected directly to the LCD.
The unused BPs may be left open-circuit. Optionally they may also be connected to the
display to increase drive strength.
• BP0 is repeated on BP4
• BP1 is repeated on BP5
• BP2 is repeated on BP6
• BP3 is repeated on BP7
8.5.1.4
1:2 multiplex drive mode
In the 1:2 multiplex drive mode, BP0 and BP1 must be connected directly to the LCD.
The unused BPs may be left open-circuit. Optionally they may also be connected to the
display to increase drive strength.
• BP0 is repeated on BP2, BP4, and BP6
• BP1 is repeated on BP3, BP5, and BP7
Table 29.
Mapping of output pins and corresponding signals with respect to driving mode
MUX
mode
Output pin
BP0
BP1
BP2
BP3
BP4
BP5
S45/BP6 S44/BP7
Signal
1:8
BP0
BP1
BP2
BP3
BP4
BP5
BP6
BP7
1:6
BP0
BP1
BP2
BP3
BP4
BP5
S45
S44
1:4
BP0
BP1
BP2
BP3
BP0[1]
BP1[1]
BP2[1]
BP3[1]
1:2
BP0
BP1
BP0[1]
BP1[1]
BP0[1]
BP1[1]
BP0[1]
BP1[1]
static
BP0
BP0[1]
BP0[1]
BP0[1]
BP0[1]
BP0[1]
BP0[1]
BP0[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com