Electronic Components Datasheet Search
  English  ▼

X  

PCF8537 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 43Page - NXP Semiconductors PCF8537 Datasheet HTML 44Page - NXP Semiconductors PCF8537 Datasheet HTML 45Page - NXP Semiconductors PCF8537 Datasheet HTML 46Page - NXP Semiconductors PCF8537 Datasheet HTML 47Page - NXP Semiconductors PCF8537 Datasheet HTML 48Page - NXP Semiconductors PCF8537 Datasheet HTML 49Page - NXP Semiconductors PCF8537 Datasheet HTML 50Page - NXP Semiconductors PCF8537 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
47 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.8.2 RAM filling in static drive mode
In the static drive mode the eight transmitted data bits are placed in eight successive
display RAM columns in row 0 (see Figure 33).
In order to fill the whole RAM row, 6 bytes must be sent to the PCF8537, but the last 4 bits
from the last byte are discarded (see Figure 34).
When bit IBS is set to bank 1 (see Table 18 on page 14), then data is stored in row 4.
8.8.3 RAM filling in 1:2 multiplex drive mode
In the 1:2 multiplex drive mode the eight transmitted data bits are placed in four
successive display RAM columns (see Figure 35). In order to fill the whole two RAM rows
11 bytes need to be sent to the PCF8537.
Fig 33. Display RAM filling order in static drive mode
Fig 34. Discarded bits at the end of data transmission
0
1
2
3
4
5
6
7
39 40 41 42 43
b0
b1
b2
b3
b4
b5
b6
b7
0
MSB
LSB
transmitted data byte
display RAM columns/segment outputs (S)
columns
display RAM rows/
backplane outputs
(BP)
rows
013aaa646
b0
b1
b2
b3
b4
b5
b6
b7
01234567
32 33 34 35 36
display RAM
data pointer
37 38 39 40 41 42 43
0
a7 a6 a5 a4 a3 a2 a1 a0
e7 e6 e5 e4 e3 e2 e1 e0 f7 f6 f5 f4 f3 f2 f1 f0
discarded
013aaa647
Fig 35. Display RAM filling order in 1:2 multiplex drive mode
0
1
2
34
56
7
39 40 41 42 43
b0
b1
b2
b3
b4
b5
b6
b7
0
1
b7
b6
b5
b4
b3
b2
b1
b0
LSB
MSB
transmitted data byte
013aaa648
display RAM columns/segment outputs (S)
columns
display RAM rows/
backplane outputs
(BP)
rows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com